Electronic Components Datasheet Search
  English  ▼

X  

MB39C604 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # MB39C604
Description  PSR topology in an isolated flyback circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C604 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button MB39C604 Datasheet HTML 4Page - Cypress Semiconductor MB39C604 Datasheet HTML 5Page - Cypress Semiconductor MB39C604 Datasheet HTML 6Page - Cypress Semiconductor MB39C604 Datasheet HTML 7Page - Cypress Semiconductor MB39C604 Datasheet HTML 8Page - Cypress Semiconductor MB39C604 Datasheet HTML 9Page - Cypress Semiconductor MB39C604 Datasheet HTML 10Page - Cypress Semiconductor MB39C604 Datasheet HTML 11Page - Cypress Semiconductor MB39C604 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Document Number: 002-08441 Rev.*A
Page 8 of 36
MB39C604
6. Electrical Characteristics
Table 4. Electrical Characteristics
(Ta = +25°C, VVDD = 12V)
Parameter
Symbol
Pin
Condition
Value
Unit
Min
Typ
Max
UVLO
UVLO Turn-on
threshold voltage
VTH
VDD
-
12.25
13
13.75
V
UVLO Turn-off
threshold voltage
VTL
VDD
-
7.55
7.9
8.5
V
Startup current
ISTART
VDD
VVDD = 7V
-
65
160
µA
TRANSFORMER
ZERO ENERGY
DETECTION
Zero energy
threshold voltage
VTZETL
TZE
TZE = "H" to "L"
-
20
-
mV
Zero energy
threshold voltage
VTZETH
TZE
TZE = "L" to "H"
0.6
0.7
0.8
V
TZE clamp voltage
VTZECLAMP
TZE
ITZE = -10 µA
-200
-160
-100
mV
OVP threshold voltage
VTZEOVP
TZE
-
4.15
4.3
4.45
V
OVP blanking time
tOVPBLANK
TZE
-
0.6
1
1.7
µs
TZE input current
ITZE
TZE
VTZE = 5V
-1
-
+1
µA
COMPENSATION
Source current
ISO
COMP
VCOMP = 2V, VCS = 0V
VDIM = 1.85V
-
-27
-
µA
Trans conductance
gm
COMP
VCOMP = 2.5V, VCS = 1V
-
96
-
µA/V
ADJUSTMENT
ADJ voltage
VADJ
ADJ
-
1.81
1.85
1.89
V
ADJ source current
IADJ
ADJ
VADJ = 0V
-650
-450
-250
µA
ADJ time
TADJ
TZE
DRV
TADJ (RADJ = 51 kΩ)
- TADJ (RADJ = 9.1 kΩ)
490
550
610
ns
Minimum switching
period
TSW
TZE
DRV
-
6.75
7.5
8.25
µs
CURRENT
SENSE
OCP threshold voltage
VOCPTH
CS
-
1.9
2
2.1
V
OCP delay time
tOCPDLY
CS
-
-
400
500
ns
CS input current
ICS
CS
VCS = 5V
-1
-
+1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com