Electronic Components Datasheet Search
  English  ▼

X  

MB39C604 Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # MB39C604
Description  PSR topology in an isolated flyback circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C604 Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button MB39C604 Datasheet HTML 8Page - Cypress Semiconductor MB39C604 Datasheet HTML 9Page - Cypress Semiconductor MB39C604 Datasheet HTML 10Page - Cypress Semiconductor MB39C604 Datasheet HTML 11Page - Cypress Semiconductor MB39C604 Datasheet HTML 12Page - Cypress Semiconductor MB39C604 Datasheet HTML 13Page - Cypress Semiconductor MB39C604 Datasheet HTML 14Page - Cypress Semiconductor MB39C604 Datasheet HTML 15Page - Cypress Semiconductor MB39C604 Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Document Number: 002-08441 Rev.*A
Page 12 of 36
MB39C604
8.2
PFC (Power Factor Correction) Function
Switching on time (TON) is generated by comparing VCOMP with an internal sawtooth waveform (refer to Figure 2). Since VCOMP is
slow varying with connecting an external capacitor (CCOMP) from the COMP pin to the GND pin, TON is nearly constant within an AC
line cycle. In this state, IP_PEAK is nearly proportional to the AC Line voltage (VBULK). It can bring the phase differences between the
input voltage and the input current close to zero, so that high Power Factor can be achieved.
8.3
Dimming Function
MB39C604 has the built-in dimmable circuit to control ILED by changing a reference of Err Amp based on the input voltage level on
the DIM pin (VDIM), and realizes dimming. Figure 6 shows ILED dimming ratio based on VDIM.
Figure 7 shows the input circuit to the DIM pin for PWM dimming. PWM signal is divided and filtered into an analog voltage with RC
network. It is possible to configurate PWM dimmable system by inputting the voltage to the DIM pin.
Figure 6. Dimming Curve
Figure 7. DIM Pin Input Circuit
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
V
DIM [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com