Electronic Components Datasheet Search
  English  ▼

X  

MB39C604 Datasheet(PDF) 25 Page - Cypress Semiconductor

Part # MB39C604
Description  PSR topology in an isolated flyback circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C604 Datasheet(HTML) 25 Page - Cypress Semiconductor

Back Button MB39C604 Datasheet HTML 21Page - Cypress Semiconductor MB39C604 Datasheet HTML 22Page - Cypress Semiconductor MB39C604 Datasheet HTML 23Page - Cypress Semiconductor MB39C604 Datasheet HTML 24Page - Cypress Semiconductor MB39C604 Datasheet HTML 25Page - Cypress Semiconductor MB39C604 Datasheet HTML 26Page - Cypress Semiconductor MB39C604 Datasheet HTML 27Page - Cypress Semiconductor MB39C604 Datasheet HTML 28Page - Cypress Semiconductor MB39C604 Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Document Number: 002-08441 Rev.*A
Page 25 of 36
MB39C604
Figure 15. 5W BOM List
No.
Component
Description
Part No.
Vendor
1
M1
Driver IC for LED Lighting, SO-8
MB39C604
Cypress
2
Q1
MOSFET, N-channel, 600V, 2.8A, TO-251
FQU5N60C
Fairchild
3
BR1
Bridge rectifier, 1A, 600V, Micro-DIP
MDB6S
Fairchild
4
D1
Diode, ultra fast rectifier, 1A, 600V, SMA
ES1J
Fairchild
5
D2
Diode, 200 mA, 200V, SOT-23
MMBD1404
Fairchild
6
ZD1
Diode, Zener, 18V, 500 mW, SOD-123
MMSZ18T1G
ON Semiconductor
7
T1
Transformer, Lp = 430 µH, Np/Na = 5.33/1
EE808
-
8
L1
Inductor 470 µH 0.31A
ϕ7.2 mm × 10.5 mm
22R474C
muRata
9
C1
Capacitor, polyester film, 100 nF, 630V, 18.5 × 6.3
ECQ-E6104KF
Panasonic
10
C2
Capacitor, polyester film, 100 nF, 250V, 7.9 × 5.9
ECQE2104KB
Panasonic
11
C3
Capacitor, aluminum electrolytic, 100 µF 100V,
ϕ10.0 × 20
EKMG101ELL101MJ20S
NIPPON-CHEMI-CON
12
C4
Capacitor, ceramic, 0.1 µF, 25V, 0603
-
-
13
C5
Capacitor, aluminum, 47 µF, 25V
-
-
14
C6
Capacitor, ceramic, 4.7 µF, 16V, 0805
-
-
15
C7
Capacitor, ceramic, 0.1 µF, 25V, 0603
-
-
16
R1
Resistor, 510Ω, 1/2W
-
-
17
R2
Resistor, chip, 10Ω, 1/8W, 0805
-
-
18
R3
Resistor, chip, 110 kΩ, 1/10W, 0603
-
-
19
R4
Resistor, chip, 30 kΩ, 1/10W, 0603
-
-
20
R5
Resistor, chip, 22 kΩ, 1/10W, 0603
-
-
21
R6
Resistor, 2Ω, 1W
-
-
22
R7
Resistor, chip, 100 kΩ, 1/10W, 0603
-
-
23
R8
Resistor, 47 kΩ, 2W
-
-
Fairchild
:
Fairchild Semiconductor International, Inc.
On Semiconductor
:
ON Semiconductor
Panasonic
:
Panasonic Corporation
NIPPON-CHEMI-CON
:
Nippon Chemi-Con Corporation
muRata
:
Murata Manufacturing Co., Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com