Electronic Components Datasheet Search
  English  ▼

X  

MB39C604 Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # MB39C604
Description  PSR topology in an isolated flyback circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C604 Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button MB39C604 Datasheet HTML 16Page - Cypress Semiconductor MB39C604 Datasheet HTML 17Page - Cypress Semiconductor MB39C604 Datasheet HTML 18Page - Cypress Semiconductor MB39C604 Datasheet HTML 19Page - Cypress Semiconductor MB39C604 Datasheet HTML 20Page - Cypress Semiconductor MB39C604 Datasheet HTML 21Page - Cypress Semiconductor MB39C604 Datasheet HTML 22Page - Cypress Semiconductor MB39C604 Datasheet HTML 23Page - Cypress Semiconductor MB39C604 Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Document Number: 002-08441 Rev.*A
Page 20 of 36
MB39C604
Figure 13. 50W Reference Data
60.0%
65.0%
70.0%
75.0%
80.0%
85.0%
90.0%
95.0%
100.0%
80
120
160
200
240
280
VIN [V
RMS]
50Hz
60Hz
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
80
120
160
200
240
280
VIN [V
RMS]
50Hz
60Hz
1300
1350
1400
1450
1500
1550
1600
1650
1700
80
120
160
200
240
280
VIN [V
RMS]
50Hz
60Hz
1300
1350
1400
1450
1500
1550
1600
1650
1700
26
28
30
32
34
36
VOUT [V]
220V/50Hz
100V/60H
Efficiency
VDIM=3.3V, LED: OSW4XAHDE1E
Power Factor
VDIM=3.3V, LED: OSW4XAHDE1E
Line Regulation
VDIM=3.3V, LED: OSW4XAHDE1E
Load Regulation
VDIM=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com