Electronic Components Datasheet Search
  English  ▼

X  

ADA4870 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4870
Description  Ideal for driving high capacitive or low resistive loads
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4870 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4870 Datasheet HTML 2Page - Analog Devices ADA4870 Datasheet HTML 3Page - Analog Devices ADA4870 Datasheet HTML 4Page - Analog Devices ADA4870 Datasheet HTML 5Page - Analog Devices ADA4870 Datasheet HTML 6Page - Analog Devices ADA4870 Datasheet HTML 7Page - Analog Devices ADA4870 Datasheet HTML 8Page - Analog Devices ADA4870 Datasheet HTML 9Page - Analog Devices ADA4870 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Data Sheet
ADA4870
Rev. 0 | Page 5 of 24
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Output Voltage Range
RG = 1.2 kΩ, RL = open
±3.7
V
Output Current Drive
1
A
Short-Circuit Protection Current Limit
ON = floating
1.2
A
POWER SUPPLY
Operating Range
10
40
V
Quiescent Current
SD = VEE + 5 V, ON = VEE
28
30
mA
SD = VEE, ON = not applicable
0.65
1
mA
SD = VEE + 5 V, ON = VEE + 5 V
4.7
5.5
mA
Positive Power Supply Rejection Ratio
66
68
dB
Negative Power Supply Rejection Ratio
61
63
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com