Electronic Components Datasheet Search
  English  ▼

X  

ADA4870 Datasheet(PDF) 24 Page - Analog Devices

Part # ADA4870
Description  Ideal for driving high capacitive or low resistive loads
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4870 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADA4870 Datasheet HTML 17Page - Analog Devices ADA4870 Datasheet HTML 18Page - Analog Devices ADA4870 Datasheet HTML 19Page - Analog Devices ADA4870 Datasheet HTML 20Page - Analog Devices ADA4870 Datasheet HTML 21Page - Analog Devices ADA4870 Datasheet HTML 22Page - Analog Devices ADA4870 Datasheet HTML 23Page - Analog Devices ADA4870 Datasheet HTML 24Page - Analog Devices ADA4870 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
Data Sheet
ADA4870
Rev. 0 | Page 23 of 24
COMPOSITE AMPLIFIER
When dc precision and high output current are required, the
ADA4870 can be combined with a precision amplifier such as
the ADA4637-1 to form a composite amplifier as shown in
Figure 77.
By placing the ADA4870 inside the feedback loop of the
ADA4637-1, the composite amplifier provides the high output
current of the ADA4870 while preserving the dc precision of
the ADA4637-1.
Figure 77. Composite Amplifier
Figure 78 shows the bandwidth of the composite amplifier at a
gain of 10. The offset voltage at the output is <500 μV.
The circuit can be tailored for different gains as desired.
Depending on the board parasitics, the 6 pF capacitor may need
to be empirically adjusted to optimize performance. Minimize
PCB stray capacitance as much as possible, particularly in the
feedback path.
The small signal and large signal pulse response is shown in
Figure 79 and Figure 80, respectively.
Figure 78. Composite Amplifier Frequency Response
Figure 79. Composite Amplifier Small Signal Pulse Response
Figure 80. Composite Amplifier Large Signal Pulse Response
VIN
VOUT
AV = 10V/V
OUTPUT OFFSET <500µV
50Ω
50Ω
RS
ADA4637-1
ADA4870
3.01kΩ
1kΩ
6pF
1
10Ω
3.01kΩ
CL
–35
–30
–25
–20
–15
–10
–5
0
5
10
15
20
25
0.1
1
10
FREQUENCY (MHz)
100
1000
CL = 300pF
RS = 10Ω
VOUT = 1V p-p
CL = 300pF
RS = 10Ω
VOUT = 10V p-p
RL = 50Ω
VOUT = 1V p-p
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
TIME (100ns/DIV)
VS = ±15V
CL = 300pF
RS = 10Ω
–15
–10
–5
0
5
10
15
TIME (100ns/DIV)
VS = ±15V
CL = 300pF
RS = 10Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com