Electronic Components Datasheet Search
  English  ▼

X  

ADA4870 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4870
Description  Ideal for driving high capacitive or low resistive loads
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4870 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4870 Datasheet HTML 7Page - Analog Devices ADA4870 Datasheet HTML 8Page - Analog Devices ADA4870 Datasheet HTML 9Page - Analog Devices ADA4870 Datasheet HTML 10Page - Analog Devices ADA4870 Datasheet HTML 11Page - Analog Devices ADA4870 Datasheet HTML 12Page - Analog Devices ADA4870 Datasheet HTML 13Page - Analog Devices ADA4870 Datasheet HTML 14Page - Analog Devices ADA4870 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
ADA4870
Data Sheet
Rev. 0 | Page 10 of 24
Figure 16. Small Signal Frequency Response, AV = −10,
VS = ±5 V, VOUT = 2 V p-p, RF = 1.21 kΩ, CL = 1000 pF, RS = 5 Ω
Figure 17. Small Signal Frequency Response vs. Case Temperature, AV = −5,
VS = ±5 V, VOUT = 2 V p-p, RF = 1.21 kΩ, RL = 50 Ω
Figure 18. Large Signal Frequency Response vs. Case Temperature, AV = −5,
VS = ±20 V, VOUT = 20 V p-p, RF = 1.21 kΩ, RL = 20 Ω
Figure 19. Large Signal Frequency Response, AV = −10,
VS = ±20 V, VOUT = 20 V p-p, RF = 1.21 kΩ, CL = 1000 pF, RS = 5 Ω
Figure 20. Large Signal Frequency Response vs. Case Temperature, AV = −5,
VS = ±20 V, VOUT = 20 V p-p, RF = 1.21 kΩ, RL = 50 Ω
Figure 21. Small Signal Frequency Response vs. Case Temperature,
VS = ±20 V, VOUT = 2 V p-p, CL = 300 pF, RS = 5 Ω
FREQUENCY (MHz)
1
10
100
1000
–3
0
3
6
9
12
15
18
21
27
24
VS = ±5V
VOUT = 2V p-p
RF = 1.21kΩ
AV = −10
CL = 1000pF
RS = 5Ω
FREQUENCY (MHz)
1
10
100
1000
–9
–6
–3
0
3
6
9
12
15
21
18
–20°C
+25°C
+100°C
VS = ±5V
VOUT = 2V p-p
RF = 1.21kΩ
AV = −5
RL = 50Ω
FREQUENCY (MHz)
1
10
100
1000
–9
–6
–3
0
3
6
9
12
15
21
18
–20°C
+25°C
+100°C
VS = ±20V
VOUT = 20V p-p
RF = 1.21kΩ
AV = −5
RL = 20Ω
FREQUENCY (MHz)
1
10
100
1000
–3
0
3
6
9
12
15
18
21
27
24
VS = ±20V
VOUT = 20V p-p
RF = 1.21kΩ
AV = –10
CL = 1000pF
RS = 5Ω
FREQUENCY (MHz)
–9
–6
–3
0
3
6
9
12
15
21
18
1
10
100
1000
–20°C
+25°C
+100°C
VS = ±20V
VOUT = 20V p-p
RF = 1.21kΩ
AV = –5
RL = 50Ω
–9
–6
–3
0
3
6
9
12
15
18
21
1M
10M
100M
1G
FREQUENCY (Hz)
–20°C
+25°C
+100°C
VS = ±20V
VOUT = 2V p-p
CL = 300pF
RS = 5Ω
RF = 1.21kΩ
AV = –5
RF = 1.5kΩ
AV = +2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com