Electronic Components Datasheet Search
  English  ▼

X  

ADA4870 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4870
Description  Ideal for driving high capacitive or low resistive loads
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4870 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4870 Datasheet HTML 12Page - Analog Devices ADA4870 Datasheet HTML 13Page - Analog Devices ADA4870 Datasheet HTML 14Page - Analog Devices ADA4870 Datasheet HTML 15Page - Analog Devices ADA4870 Datasheet HTML 16Page - Analog Devices ADA4870 Datasheet HTML 17Page - Analog Devices ADA4870 Datasheet HTML 18Page - Analog Devices ADA4870 Datasheet HTML 19Page - Analog Devices ADA4870 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Data Sheet
ADA4870
Rev. 0 | Page 15 of 24
Figure 46. Harmonic Distortion vs. Frequency, CL = 300 pF, RS = 5 Ω,
RF = 1.21 kΩ, AV = −10
Figure 47. Harmonic Distortion vs. VOUT, VS = ±20 V, Frequency = 100 kHz,
RF = 1.21 kΩ, AV = −10
Figure 48. Harmonic Distortion vs. VOUT, VS = ±20 V, Frequency = 10 MHz,
RF = 1.21 kΩ, AV = −10
Figure 49. Harmonic Distortion vs. Frequency, RL = 25 Ω,
RF = 1.21 kΩ, AV = −10
Figure 50. Harmonic Distortion vs. VOUT, VS = ±20 V, Frequency = 1 MHz,
RF = 1.21 kΩ, AV = −10
Figure 51. Harmonic Distortion vs. VOUT, VS = ±20 V, Frequency = 30 MHz,
RF = 1.21 kΩ, AV = −10
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0.01
0.1
1
10
FREQUENCY (MHz)
HD2 2V p-p, VS = ±5V
HD3 2V p-p, VS = ±5V
HD2 20V p-p, VS = ±20V
HD3 20V p-p, VS = ±20V
–120
–110
–100
–90
–80
–70
–60
0
5
10
15
20
VOUT (V p-p)
HD2, CL = 300pF, RS = 5Ω
HD3, CL = 300pF, RS = 5Ω
HD2, RL = 25Ω
HD3, RL = 25Ω
–70
–60
–50
–40
–30
0
5
10
15
20
VOUT (V p-p)
HD2, CL = 300pF, RS = 5Ω
HD3, CL = 300pF, RS = 5Ω
HD2, RL = 25Ω
HD3, RL = 25Ω
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0.01
0.1
1
10
FREQUENCY (MHz)
HD2 2V p-p, VS = ±5V
HD3 2V p-p, VS = ±5V
HD2 20V p-p, VS = ±20V
HD3 20V p-p, VS = ±20V
–120
–110
–100
–90
–80
–70
–60
0
5
10
15
20
VOUT (V p-p)
HD2, CL = 300pF, RS = 5Ω
HD3, CL = 300pF, RS = 5Ω
HD2, RL = 25Ω
HD3, RL = 25Ω
–70
–60
–50
–40
–30
0
5
10
15
20
VOUT (V p-p)
HD2, CL = 300pF, RS = 5Ω
HD3, CL = 300pF, RS = 5Ω
HD2, RL = 25Ω
HD3, RL = 25Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com