Electronic Components Datasheet Search
  English  ▼

X  

ADA4870 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4870
Description  Ideal for driving high capacitive or low resistive loads
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4870 Datasheet(HTML) 1 Page - Analog Devices

  ADA4870 Datasheet HTML 1Page - Analog Devices ADA4870 Datasheet HTML 2Page - Analog Devices ADA4870 Datasheet HTML 3Page - Analog Devices ADA4870 Datasheet HTML 4Page - Analog Devices ADA4870 Datasheet HTML 5Page - Analog Devices ADA4870 Datasheet HTML 6Page - Analog Devices ADA4870 Datasheet HTML 7Page - Analog Devices ADA4870 Datasheet HTML 8Page - Analog Devices ADA4870 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
High Speed, High Voltage,
1 A Output Drive Amplifier
Data Sheet
ADA4870
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ideal for driving high capacitive or low resistive loads
Wide supply range: 10 V to 40 V
High output current drive: 1 A
Wide output voltage swing: 37 V swing with 40 V supply
High slew rate: 2500 V/µs
High bandwidth: 52 MHz large signal, 70 MHz small signal
Low noise: 2.1 nV/√Hz
Quiescent current: 32.5 mA
Power down: 0.75 mA
Short-circuit protection and flag
Current limit: 1.2 A
Thermal protection
APPLICATIONS
Envelope tracking
Power FET driver
Ultrasound
Piezo drivers
PIN diode drivers
Waveform generation
Automated test equipment (ATE)
CCD panel drivers
Composite amplifiers
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADA4870 is a unity gain stable, high speed current
feedback amplifier capable of delivering 1 A of output current
and 2500 V/μs slew rate from a 40 V supply. Manufactured
using the Analog Devices, Inc., proprietary high voltage extra
fast complementary bipolar (XFCB) process, the innovative
architecture of the ADA4870 enables high output power, high
speed signal processing solutions in applications that require
driving a low impedance load.
The ADA4870 is ideal for driving high voltage power FETs,
piezo transducers, PIN diodes, CCD panels, and a variety of
other demanding applications that require high speed from
high supply voltage at high output current.
The ADA4870 is available in a power SOIC package (PSOP_3),
featuring an exposed thermal slug that provides high thermal
conductivity, enabling efficient heat transfer for improved perfor-
mance and reliability in demanding applications. The ADA4870
operates over the industrial temperature range (−40°C to +85°C).
Figure 2. Slew Rate, VS = ±20 V, VOUT = 30 V p-p, AV = +2,
RF = 1.5 kΩ, CL = 300 pF, RS = 5 Ω
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TFL
SD
ON
INN
INP
NC
VCC
VCC
VCC
OUT
OUT
OUT
OUT
VEE
NC
OUT
VEE
VEE
VEE
VCC
ADA4870
–20
–15
–10
–5
0
5
10
15
20
–4,000
–3,000
–2,000
–1,000
0
1,000
2,000
3,000
4,000
TIME (45ns/DIV)
SLEW RATE
VOUT


Similar Part No. - ADA4870

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4870 AD-ADA4870 Datasheet
1Mb / 24P
2500 V/μs Slew Rate, High Voltage, 1 A Output Drive Amplifier
Rev. B
ADA4870ACPZ AD-ADA4870ACPZ Datasheet
1Mb / 24P
2500 V/μs Slew Rate, High Voltage, 1 A Output Drive Amplifier
Rev. B
ADA4870ACPZ-R7 AD-ADA4870ACPZ-R7 Datasheet
1Mb / 24P
2500 V/μs Slew Rate, High Voltage, 1 A Output Drive Amplifier
Rev. B
ADA4870ACPZ-RL AD-ADA4870ACPZ-RL Datasheet
1Mb / 24P
2500 V/μs Slew Rate, High Voltage, 1 A Output Drive Amplifier
Rev. B
ADA4870 AD-ADA4870_V01 Datasheet
1Mb / 24P
2500 V/μs Slew Rate, High Voltage, 1 A Output Drive Amplifier
Rev. B
More results

Similar Description - ADA4870

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4402 STMICROELECTRONICS-AN4402 Datasheet
663Kb / 39P
Multichannel drivers driving inductive loads
22-Nov-2013
logo
Infineon Technologies A...
BTT6100-2EKA INFINEON-BTT6100-2EKA Datasheet
2Mb / 48P
Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-08-20
BTT6200-1EJA INFINEON-BTT6200-1EJA Datasheet
2Mb / 48P
Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-08-20
BTT6200-4EMA INFINEON-BTT6200-4EMA Datasheet
2Mb / 48P
Suitable for resistive, inductive and capacitive loads
BTS5200-4EKA INFINEON-BTS5200-4EKA Datasheet
2Mb / 49P
Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-02-06
ITS42008-SB-D INFINEON-ITS42008-SB-D Datasheet
2Mb / 26P
Switching all types of resistive, inductive and capacitive loads
Rev 1.01, 2014-05-19
logo
List of Unclassifed Man...
DILEM4-G ETC-DILEM4-G Datasheet
759Kb / 12P
Mini Contactors for Motors and Resistive Loads
logo
STMicroelectronics
IPS1025HF STMICROELECTRONICS-IPS1025HF Datasheet
2Mb / 32P
High efficiency, high-side switch with extended diagnostics, smart driving for capacitive loads and short propagation delay at power-on
01-Aug-2022
IPS1025H STMICROELECTRONICS-IPS1025H Datasheet
3Mb / 32P
High efficiency, high-side switch with extended diagnostics and smart driving for capacitive loads
01-Aug-2022
IPS2050H STMICROELECTRONICS-IPS2050H Datasheet
3Mb / 32P
High efficiency, high-side switch with extended diagnostics and smart driving for capacitive loads
01-Aug-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com