Electronic Components Datasheet Search
  English  ▼

X  

ADA4870 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4870
Description  Ideal for driving high capacitive or low resistive loads
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4870 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4870 Datasheet HTML 13Page - Analog Devices ADA4870 Datasheet HTML 14Page - Analog Devices ADA4870 Datasheet HTML 15Page - Analog Devices ADA4870 Datasheet HTML 16Page - Analog Devices ADA4870 Datasheet HTML 17Page - Analog Devices ADA4870 Datasheet HTML 18Page - Analog Devices ADA4870 Datasheet HTML 19Page - Analog Devices ADA4870 Datasheet HTML 20Page - Analog Devices ADA4870 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
ADA4870
Data Sheet
Rev. 0 | Page 16 of 24
Figure 52. Large Signal Instantaneous Slew Rate, AV = +2,
VS = ±20 V, RF = 1.5 kΩ, CL = 300 pF, RS = 5 Ω
Figure 53. Output Overdrive Recovery, VS = ± 20 V, AV = +5, RL = 50 Ω
Figure 54. Enabled Closed-Loop Output Impedance vs. Frequency
Figure 55. Large Signal Instantaneous Slew Rate, AV = +2,
VS = ±20 V, RF = 1.5 kΩ, RL = 25 Ω
Figure 56. Output Headroom vs. RLOAD Over Case Temperature, VS = ±20 V
Figure 57. Disabled Closed-Loop Output Impedance vs. Frequency
–20
–15
–10
–5
0
5
10
15
20
–4,000
–3,000
–2,000
–1,000
0
1,000
2,000
3,000
4,000
TIME (45ns/DIV)
SLEW RATE
VOUT
–
6
–
5
–
4
–
3
–
2
–
1
0
1
2
3
4
5
6
–30
–25
–20
–15
–10
–5
0
5
10
15
20
25
30
TIME (150ns/DIV)
VOUT
VIN
VS = ±20V
AV = +5
RL = 50Ω
0.01
0.1
1
10
100
0.1
1
10
100
1000
FREQUENCY (MHz)
VS = ±20V
RF = 1.21kΩ
AV = +1
–20
–15
–10
–5
0
5
10
15
20
–4,000
–3,000
–2,000
–1,000
0
1,000
2,000
3,000
4,000
TIME (45ns/DIV)
SLEW RATE
VOUT
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
10
100
1k
RLOAD (Ω)
VOUT – VEE
VOUT – VCC
+25°C
+100°C
–20°C
+25°C
+100°C
–20°C
1
10
100
1000
10000
0.1
1
10
100
1000
FREQUENCY (MHz)
ON
SD
VS = ±20V
RF = 1.21kΩ
AV = +1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com