Electronic Components Datasheet Search
  English  ▼

X  

ADA4870 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4870
Description  Ideal for driving high capacitive or low resistive loads
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4870 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4870 Datasheet HTML 4Page - Analog Devices ADA4870 Datasheet HTML 5Page - Analog Devices ADA4870 Datasheet HTML 6Page - Analog Devices ADA4870 Datasheet HTML 7Page - Analog Devices ADA4870 Datasheet HTML 8Page - Analog Devices ADA4870 Datasheet HTML 9Page - Analog Devices ADA4870 Datasheet HTML 10Page - Analog Devices ADA4870 Datasheet HTML 11Page - Analog Devices ADA4870 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Data Sheet
ADA4870
Rev. 0 | Page 7 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VCC
Positive Power Supply Input.
2
TFL
Thermal Monitor and Short-Circuit Flag (Referenced to VEE).
3
SD
Shutdown (Active Low, Referenced to VEE).
4
ON
Turn On/Enable (Active Low, Referenced to VEE).
5
NC
No Connect. Do not connect to this pin.
6
INP
Noninverting Input.
7
INN
Inverting Input.
8
OUT
Output Connection for Feedback Resistor.
9
NC
No Connect. Do not connect to this pin.
10 to 13
VEE
Negative Power Supply Input.
14 to 17
OUT
Output.
18 to 20
VCC
Positive Power Supply Input.
EPAD
Exposed Thermal Pad. No internal electrical connection. Connect the exposed pad to a solid external plane
with low thermal resistance.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TFL
INN
INP
NC
VCC
VCC
VCC
OUT
OUT
OUT
OUT
VEE
NC
OUT
VEE
VEE
VEE
VCC
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. CONNECT THE EXPOSED PAD TO A SOLID EXTERNAL
PLANE WITH LOW THERMAL RESISTANCE.
ADA4870
SD
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com