Electronic Components Datasheet Search
  English  ▼

X  

ADA4870 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4870
Description  Ideal for driving high capacitive or low resistive loads
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4870 Datasheet(HTML) 3 Page - Analog Devices

  ADA4870 Datasheet HTML 1Page - Analog Devices ADA4870 Datasheet HTML 2Page - Analog Devices ADA4870 Datasheet HTML 3Page - Analog Devices ADA4870 Datasheet HTML 4Page - Analog Devices ADA4870 Datasheet HTML 5Page - Analog Devices ADA4870 Datasheet HTML 6Page - Analog Devices ADA4870 Datasheet HTML 7Page - Analog Devices ADA4870 Datasheet HTML 8Page - Analog Devices ADA4870 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ADA4870
Data Sheet
Rev. 0 | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
±20 V Supply................................................................................. 3
±5 V Supply................................................................................... 4
Absolute Maximum Ratings............................................................ 6
Maximum Power Dissipation ..................................................... 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ............................................. 8
Applications Information .............................................................. 19
ON, Initial Power-Up, and Short-Circuit................................ 19
Thermal Protection.................................................................... 19
Shutdown (SD) ........................................................................... 19
Feedback Resistor Selection...................................................... 19
Capacitive Load Driving ........................................................... 19
Heat and Thermal Management .............................................. 20
Power Dissipation....................................................................... 20
Safe Operating Area................................................................... 21
Printed Circuit Board (PCB) .................................................... 22
Thermal Modeling ..................................................................... 22
Heat Sink Selection .................................................................... 22
Power Supplies and Decoupling............................................... 22
Composite Amplifier ................................................................. 23
Outline Dimensions....................................................................... 24
Ordering Guide .......................................................................... 24
REVISION HISTORY
5/14—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com