Electronic Components Datasheet Search
  English  ▼

X  

ADA4870 Datasheet(PDF) 25 Page - Analog Devices

Part # ADA4870
Description  Ideal for driving high capacitive or low resistive loads
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4870 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADA4870 Datasheet HTML 17Page - Analog Devices ADA4870 Datasheet HTML 18Page - Analog Devices ADA4870 Datasheet HTML 19Page - Analog Devices ADA4870 Datasheet HTML 20Page - Analog Devices ADA4870 Datasheet HTML 21Page - Analog Devices ADA4870 Datasheet HTML 22Page - Analog Devices ADA4870 Datasheet HTML 23Page - Analog Devices ADA4870 Datasheet HTML 24Page - Analog Devices ADA4870 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
ADA4870
Data Sheet
Rev. 0 | Page 24 of 24
OUTLINE DIMENSIONS
Figure 81. 20-Lead Power SOIC, Thermally Enhanced Package [PSOP_3]
(RR-20-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADA4870ARRZ
−40°C to +85°C
20-Lead PSOP_3
RR-20-1
ADA4870ARRZ-RL
−40°C to +85°C
20-Lead PSOP_3
RR-20-1
ADA4870ARR-EBZ
Evaluation Board
1
Z = RoHs Compliant Part.
COMPLIANT TO JEDEC STANDARDS MO-166-AA
BOTTOM VIEW
6.20
5.80
8°
0°
2.90 MAX
(2 PLACES)
END VIEW
1.10
0.80
SEATING
PLANE
1.27
BSC
0.53
0.40
14.20
BSC
11.00
BSC
1
10
20
11
15.90
BSC
TOP VIEW
1.10 MAX × 45°
1.10 MAX
(2 PLACES)
PIN 1
SIDE VIEW
3.60
3.35
3.10
1.00
0.90
0.80
3.60
3.35
3.10
3.30
3.15
3.00
0.30
0.20
0.10
0.10
0.05
0.00
0.32
0.23
DETAIL A
DETAIL A
13.00
9.00
©2014 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D12125-0-5/14(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com