Electronic Components Datasheet Search
  English  ▼

X  

TLC3574 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3574
Description  5-V ANALOG 3-/5-V DIGITAL 14-/12-BIT 200-KSPS 4-/8-CHANNEL SERIAL ANALOG TO DIGITAL CONVERTERS WITH 10-V INPUTS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3574 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLC3574 Datasheet HTML 13Page - Texas Instruments TLC3574 Datasheet HTML 14Page - Texas Instruments TLC3574 Datasheet HTML 15Page - Texas Instruments TLC3574 Datasheet HTML 16Page - Texas Instruments TLC3574 Datasheet HTML 17Page - Texas Instruments TLC3574 Datasheet HTML 18Page - Texas Instruments TLC3574 Datasheet HTML 19Page - Texas Instruments TLC3574 Datasheet HTML 20Page - Texas Instruments TLC3574 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
TLC3574, TLC3578, TLC2574, TLC2578
5V ANALOG, 3/5V DIGITAL, 14/12BIT, 200KSPS, 4/8CHANNEL
SERIAL ANALOGTODIGITAL CONVERTERS WITH ±10V INPUTS
SLAS262C − OCTOBER 2000 − REVISED MAY 2003
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
circuit description
converter
The converters include a successive-approximation ADC utilizing a charge redistribution DAC. Figure 5 shows
a simplified block diagram of the ADC. The sampling capacitor acquires the signal on Ain during the sampling
period. When the conversion process starts, the control logic directs the charge redistribution DAC to add and
subtract fixed amounts of charge from the sampling capacitor to bring the comparator into a balanced condition.
When balanced, the conversion is complete and the ADC output code is generated.
Charge
Redistribution
DAC
Control
Logic
_
+
REFM
Ain
ADC Code
C(sample)
Figure 5. Simplified Block Diagram of the Successive-Approximation System
analog input range and internal test voltages
TLC3578 and TLC2578 have 8 analog inputs (TLC3574 and TLC2574 have 4) and three test voltages. The
inputs are selected by the analog multiplexer according to the command entered (see Table 1). The input
multiplexer is a break-before-make type to reduce input-to-input noise injection resulting from channel
switching.
All converters are specified for bipolar input range of
±10 V. The input signal is scaled to 0–4 V at the SAR ADC
input via the bipolar scaling circuit (see the functional block diagram and the equivalent analog input circuit):
–10 V to 0 V, 10 V to 4 V, and 0 V to 2 V.
analog input mode
Two input signal modes can be selected: single-ended input and pseudodifferential input.
_
+
Charge
Redistribution
DAC
Control
Logic
Ain(+)
REFM
ADC Code
S1
Ain(−)
When sampling, S1 is closed and S2 connects to Ain(−).
During conversion, S1 is open and S2 connects to REFM.
Figure 6. Simplified Pseudodifferential Input Circuit
Pseudodifferential input refers to the negative input, Ain(−). Its voltage is limited in magnitude to
±1 V. The input
frequency limit of Ain(−) is the same as the positive input Ain(+). This mode is normally used for ground noise
rejection or dc offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com