Electronic Components Datasheet Search
  English  ▼

X  

TLC3574 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3574
Description  5-V ANALOG 3-/5-V DIGITAL 14-/12-BIT 200-KSPS 4-/8-CHANNEL SERIAL ANALOG TO DIGITAL CONVERTERS WITH 10-V INPUTS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3574 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TLC3574 Datasheet HTML 31Page - Texas Instruments TLC3574 Datasheet HTML 32Page - Texas Instruments TLC3574 Datasheet HTML 33Page - Texas Instruments TLC3574 Datasheet HTML 34Page - Texas Instruments TLC3574 Datasheet HTML 35Page - Texas Instruments TLC3574 Datasheet HTML 36Page - Texas Instruments TLC3574 Datasheet HTML 37Page - Texas Instruments TLC3574 Datasheet HTML 38Page - Texas Instruments TLC3574 Datasheet HTML 39Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
TLC3574, TLC3578, TLC2574, TLC2578
5V ANALOG, 3/5V DIGITAL, 14/12BIT, 200KSPS, 4/8CHANNEL
SERIAL ANALOGTODIGITAL CONVERTERS WITH ±10V INPUTS
SLAS262C − OCTOBER 2000 − REVISED MAY 2003
37
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
interface with host
Figure 32 shows the examples of the interface between a single converter and host DSP (TMS320C54x
 DSP)
or microprocessor. The C54x is set as FWID=1 (active pulse width=1CLK); (R/X) DATDLY=1 (1 bit data delay);
CLK(X/R)P=0 (transmit data are clocked out at rising edge of CLK, receive data are sampled on falling edge
of CLK); and FS(X/R)P=1 (FS is active high). If multiple converters connect to the same C54x, use CS as chip
select.
The host microprocessor is set as the SPI master, CPOL=0 (active high clock), and CPHA=1 (transmit data is
clock out at rising edge of CLK, receive data are sampled at falling edge of CLK). 16 bits (or more) per transfer
is required.
FSR
FSX
DX
DR
CLKR
CLKX
IRQ
TMS320C54X
Converter
10 k
Ω
VDD
CS
FS
SDI
SDO
SCLK
INT/EOC
Ain
Single Converter Connects to DSP
SS
MOSI
MISO
SCK
IRQ
Host
Microprocessor
Converter
10 k
Ω
VDD
CS
FS
SDI
SDO
SCLK
INT/EOC
Converter Connects to Microprocessor
10 k
Ω
Ain
Figure 32. Typical Interface to Host DSP and Microprocessor
sampling time analysis
Figure 33 shows the equivalent circuit to evaluate the required sampling time. Req is the Thevenin equivalent
resistor (Req = 3.5 K). The C(sampling) is sampling capacitor (30 pF maximum).
To get 1/4 LSB accuracy, the sampling capacitor, Csampling, has to be charged to
VC = VS ± voltage of 1/4 LSB = VS ± (VS/65532) for 14 bit converter (TLC3574 and TLC3578)
= VS ± (VS/16384) for 12 bit converter (TLC2574 and TLC2578)
During the sampling time t(sampling), C(sampling) is charge to
V
C +
V
S
1–exp
–t
(sampling)
Req
C
(sampling)
Therefore, the required sampling time is
t(sampling) = Req × C(sampling) × In (65532) for 14-bit (TLC3574 and TLC3578)
t(sampling) = Req × C(sampling) × In (16384) for 12-bit (TLC2574 and TLC2578).
TMS320C54x is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com