Electronic Components Datasheet Search
  English  ▼

X  

TLC3574 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3574
Description  5-V ANALOG 3-/5-V DIGITAL 14-/12-BIT 200-KSPS 4-/8-CHANNEL SERIAL ANALOG TO DIGITAL CONVERTERS WITH 10-V INPUTS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3574 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TLC3574 Datasheet HTML 27Page - Texas Instruments TLC3574 Datasheet HTML 28Page - Texas Instruments TLC3574 Datasheet HTML 29Page - Texas Instruments TLC3574 Datasheet HTML 30Page - Texas Instruments TLC3574 Datasheet HTML 31Page - Texas Instruments TLC3574 Datasheet HTML 32Page - Texas Instruments TLC3574 Datasheet HTML 33Page - Texas Instruments TLC3574 Datasheet HTML 34Page - Texas Instruments TLC3574 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
TLC3574, TLC3578, TLC2574, TLC2578
5V ANALOG, 3/5V DIGITAL, 14/12BIT, 200KSPS, 4/8CHANNEL
SERIAL ANALOGTODIGITAL CONVERTERS WITH ±10V INPUTS
SLAS262C − OCTOBER 2000 − REVISED MAY 2003
31
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
conversion operation (continued)
CS
FS
SDI
INT
SDO
***
Command = Configure Write for Mode 11, FIFO
Threshold = 1/2 Full, Sweep Sequence: 0−0−2−2
**
COMMAND = Select Any Channel
*
COMMAND = Read FIFO
*
Configure
Conversion
From CH0
Conversion
From CH2
Conversion
From CH2
Conversion
From CH0
1st SWEEP
1st FIFO Read
REPEAT
2nd FIFO Read
CH0
CH0
CH2
CH2
CH0
READ FIFO after 1st SWEEP Completed
CSTART
*** **
**
*
***
*
Possible Signal
Don’t Care
Figure 19. Mode 11, CSTART Triggers Samplings/Conversions, FS Initiates SELECT Operation
conversion clock and conversion speed
The conversion clock source can be the internal OSC, or the external clock, SCLK. The conversion clock is equal
to the internal OSC if the internal clock is used, or equal to SCLK/4 when the external clock is selected. It takes
18 conversion clocks plus 15 ns to finish the conversion for TLC3574 and TLC3578, and 13 conversion clocks
plus 15 ns for the TLC2574 and TLC2578. If the external clock is selected, the conversion time (not including
sampling time) is 18X(4/fSCLK)+15 ns for TLC3574 and TLC3578 and 13X(4/fSCLK)+15 ns for TLC2574 and
TLC2578. Table 4 shows the maximum conversion rate (including sampling time) when the analog input source
resistor is 25
Ω.
Table 4. Maximum Conversion Rate
DEVICE
SAMPLING MODE
CONVERSION CLK
MAX SCLK
(MHz)
CONVERSION
TIME (
µs)
RATE
(KSPS)
SHORT (16 SCLK)
External
SCLK/4
10
8.815
113.4
TLC3574/78
LONG (48 SCLK)
External
SCLK/4
25
4.815
207.7
TLC3574/78
(Rs = 25
Ω)
SHORT (16 SCLK)
Internal
6.5 MHz
10
4.384
228.0
(Rs = 25
)
LONG (48 SCLK)
Internal
6.5 MHz
25
4.705
212.5
SHORT (16 SCLK)
Exernal
SCLK/4
10
6.815
146.7
TLC2574/78
LONG (48 SCLK)
External
SCLK/4
25
4.015
249.1
TLC2574/78
(Rs = 25
Ω)
SHORT (16 SCLK)
Internal
6.5 MHz
10
3.615
276.6
(Rs = 25
)
LONG (48 SCLK)
Internal
6.5 MHz
25
3.935
254.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com