Electronic Components Datasheet Search
  English  ▼

X  

TLC3574 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3574
Description  5-V ANALOG 3-/5-V DIGITAL 14-/12-BIT 200-KSPS 4-/8-CHANNEL SERIAL ANALOG TO DIGITAL CONVERTERS WITH 10-V INPUTS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3574 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLC3574 Datasheet HTML 14Page - Texas Instruments TLC3574 Datasheet HTML 15Page - Texas Instruments TLC3574 Datasheet HTML 16Page - Texas Instruments TLC3574 Datasheet HTML 17Page - Texas Instruments TLC3574 Datasheet HTML 18Page - Texas Instruments TLC3574 Datasheet HTML 19Page - Texas Instruments TLC3574 Datasheet HTML 20Page - Texas Instruments TLC3574 Datasheet HTML 21Page - Texas Instruments TLC3574 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
TLC3574, TLC3578, TLC2574, TLC2578
5V ANALOG, 3/5V DIGITAL, 14/12BIT, 200KSPS, 4/8CHANNEL
SERIAL ANALOGTODIGITAL CONVERTERS WITH ±10V INPUTS
SLAS262C − OCTOBER 2000 − REVISED MAY 2003
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
analog input mode (continued)
When pseudodifferential mode is selected, only two analog input channel pairs are available for the TLC3574
and TLC2574 and four channel pairs for the TLC3578 and TLC2578, because half the inputs are used as the
negative input.
Analog
MUX
SAR
ADC
X8†
A0
A1
A2
A3
A4
A5
A6
A7
X4‡
A0
A1
A2
A3
X
X
X
X
X8†
A0(+) Pair A
A1(−)
A2(+) Pair B
A3(−)
A4(+) Pair C
A5(−)
A6(+) Pair D
A7(−)
X4‡
A0(+) Pair A
A1(−)
A2(+) Pair B
A3(−)
Analog
MUX
SAR
ADC
Single Ended
Pseudodifferential
† TLC3578 and TLC2578
‡ TLC3574 and TLC2574
Figure 7. Pin Assignment of Single-Ended Input vs Pseudodifferential Input
reference voltage
The external reference is applied to the reference-input pins (REFP and REFM). REFM should connect to
analog ground. REFP is 4 V. Install decoupling capacitors (10
µF in parallel with 0.1 µF) between REFP and
REFM, and compensation capacitors (0.1
µF) between COMP and AGND.
ideal conversion characteristics
00000000000000
00000000000001
00000000000010
01111111111111
10000000000000
10000000000001
11111111111111
11111111111110
11111111111101
16381
16383
16382
8192
8193
8191
0
1
2
01111111111111
01111111111110
01111111111101
00000000000001
00000000000000
11111111111111
10000000000010
10000000000001
10000000000000
Binary
BOB
2s Complement
BTC
VFS− = −10 V
−9.99939 V
−9.99878 V
−9.99756 V
−0.61 mV
9.99756 V
0.61 mV
VBZS = 0.0 V
VFS+ = 10 V
1LSB = 1.22 mV
Bipolar Analog Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com