Electronic Components Datasheet Search
  English  ▼

X  

TLC3574 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3574
Description  5-V ANALOG 3-/5-V DIGITAL 14-/12-BIT 200-KSPS 4-/8-CHANNEL SERIAL ANALOG TO DIGITAL CONVERTERS WITH 10-V INPUTS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3574 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLC3574 Datasheet HTML 18Page - Texas Instruments TLC3574 Datasheet HTML 19Page - Texas Instruments TLC3574 Datasheet HTML 20Page - Texas Instruments TLC3574 Datasheet HTML 21Page - Texas Instruments TLC3574 Datasheet HTML 22Page - Texas Instruments TLC3574 Datasheet HTML 23Page - Texas Instruments TLC3574 Datasheet HTML 24Page - Texas Instruments TLC3574 Datasheet HTML 25Page - Texas Instruments TLC3574 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
TLC3574, TLC3578, TLC2574, TLC2578
5V ANALOG, 3/5V DIGITAL, 14/12BIT, 200KSPS, 4/8CHANNEL
SERIAL ANALOGTODIGITAL CONVERTERS WITH ±10V INPUTS
SLAS262C − OCTOBER 2000 − REVISED MAY 2003
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description (continued)
Table 2. Configuration Register (CFR) Bit Definition
SDI BIT
DEFINITION
D11
Always 1. Otherwise the performance is degraded.
D10
Conversion output code format select:
0: BOB (bipolar offset binary);
1: BTC (binary 2s complement)
D9
Sample period select for normal sampling. Don’t care in extended sampling.
D9
0: Long sampling (4x) 44 SCLKs;
1: Short sampling 12 SCLKs
D8
Conversion clock source select:
0: Conversion clock = Internal OSC;
1: Conversion clock = SCLK/4
D7
Input mode select:
0: Single-ended;
1: Pseudodifferential. Pin configuration shown below.
Pin Configuration of TLC3578 and TLC2578
Pin Configuration of TLC3574 and TLC2574
Pin No.
Single-ended
Pseudodifferential polarity
Pin No.
Single-ended
Pseudodifferential polarity
9
10
A0
A1
Plus
Minus
Pair A
9
10
A0
A1
PLUS
MINUS
Pair A
11
12
A2
A3
Plus
Minus
Pair B
11
12
A2
A3
PLUS
MINUS
Pair B
13
14
A4
A5
Plus
Minus
Pair C
15
16
A6
A7
Plus
Minus
Pair D
D[6:5]
Conversion mode select
00: One shot mode
01: Repeat mode
10: Sweep mode
11: Repeat sweep mode.
D[4:3]
Sweep auto sequence select (Note: These bits only take effect in conversion mode 10 and 11.)
D[4:3]
TLC3578 and TLC2578
TLC3574 and TLC2574
Single-ended (by ch)
Pseudodifferential (by pair)
Single-ended (by ch)
Pseudodifferential (by pair)
00: 0−1−2−3−4−5−6−7
01: 0−2−4−6−0−2−4−6
10: 0−0−2−2−4−4−6−6
11: 0−2−0−2−0−2−0−2
00:
N/A
01: A−B−C−D−A−B−C−D
10: A−A−B−B−C−C−D−D
11: A−B−A−B−A−B−A−B
00: 0−1−2−3−0−1−2−3
01: 0−2−0−2−0−2−0−2
10: 0−0−1−1−2−2−3−3
11: 0−0−0−0−2−2−2−2
00:
N/A
01: A−B−A−B−A−B−A−B
10:
N/A
11: A−A−A−A−B−B−B−B
D2
EOC/INT pin function select
0: Pin used as INT
1: Pin used as EOC ( for mode 00 only)
D[1:0]
FIFO trigger level (sweep sequence length). Don’t care in one shot mode.
00: Full (INT generated after FIFO Level 7 filled)
01: 3/4 (INT generated after FIFO Level 5 filled)
10: 1/2 (INT generated after FIFO Level 3 filled)
11: 1/4 (INT generated after FIFO Level 1 filled)
sampling period
The sampling period follows the command period. The selected signal is sampled during this time. The device
has three different sampling modes: normal short mode, normal long mode, and extended mode.
Normal Short Sampling Mode: Sampling time is controlled by the SCLK and lasts 12 SCLK periods. At the
end of sampling, the converter automatically starts the conversion period. After the configuration, the normal
sampling starts automatically after the falling edge of fourth SCLK that follows the falling edge of CS if CS
triggers the operation, or follows the rising edge of FS if FS initiates the operation, except the FIFO READ and
WRITE CFR commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com