Electronic Components Datasheet Search
  English  ▼

X  

TLC3574 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3574
Description  5-V ANALOG 3-/5-V DIGITAL 14-/12-BIT 200-KSPS 4-/8-CHANNEL SERIAL ANALOG TO DIGITAL CONVERTERS WITH 10-V INPUTS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3574 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLC3574 Datasheet HTML 24Page - Texas Instruments TLC3574 Datasheet HTML 25Page - Texas Instruments TLC3574 Datasheet HTML 26Page - Texas Instruments TLC3574 Datasheet HTML 27Page - Texas Instruments TLC3574 Datasheet HTML 28Page - Texas Instruments TLC3574 Datasheet HTML 29Page - Texas Instruments TLC3574 Datasheet HTML 30Page - Texas Instruments TLC3574 Datasheet HTML 31Page - Texas Instruments TLC3574 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
TLC3574, TLC3578, TLC2574, TLC2578
5V ANALOG, 3/5V DIGITAL, 14/12BIT, 200KSPS, 4/8CHANNEL
SERIAL ANALOGTODIGITAL CONVERTERS WITH ±10V INPUTS
SLAS262C − OCTOBER 2000 − REVISED MAY 2003
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
conversion operation
CS
12
3
5
46
7
13
14
15
1
ID15
ID14
ID13
1D12
12
ID15
OD15
OD14
OD13
OD12
OD11
OD10
OD9
OD4
OD2
OD15
48 SCLKs for Long Sampling
16 SCLKs for Short Sampling
SDO goes to Hi−Z after 16th SCLK
16
Hi−Z
t(conv)
t(SAMPLE)
FS in High
SDI
INT
EOC
SDO
OR
Previous Conversion Result
Select Channel
OD3
OD[15:2] (for TLC3574/78) or OD [15:4] (for TLC2574/78) is the result of previous conversion.
Don’t Care
The dotted line means signal may or may not exist.
Figure 11. Mode 00, CS Initiates Operation
12
3
5
46
7
13
14
15
1
ID15
1D14
ID13 1D12
12
ID15
OD14 OD13 OD12 OD11
OD10
OD9
OD4
OD15
OD15
OD2
OD3
48 SCLKs for Long Sampling
16 SCLKs for Short Sampling
16
Hi-Z
SDO Goes Through Hi-Z After 16 SCLK
Previous Conversion Result
Select Channel
t(SAMPLE)
t(conv)
SCLK
CS
FS
SDI
INT
EOC
SDO
OR
OD[15:2] (for TLC3574/78) or OD[15:4](for TLC2574/78) is the result of previous conversion.
Don’t Care
The dotted line means signal may or may not exist.
Figure 12. Mode 00, FS Initiates Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com