Electronic Components Datasheet Search
  English  ▼

X  

DS2196L Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS2196L
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196L Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS2196L Datasheet HTML 3Page - Dallas Semiconductor DS2196L Datasheet HTML 4Page - Dallas Semiconductor DS2196L Datasheet HTML 5Page - Dallas Semiconductor DS2196L Datasheet HTML 6Page - Dallas Semiconductor DS2196L Datasheet HTML 7Page - Dallas Semiconductor DS2196L Datasheet HTML 8Page - Dallas Semiconductor DS2196L Datasheet HTML 9Page - Dallas Semiconductor DS2196L Datasheet HTML 10Page - Dallas Semiconductor DS2196L Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 157 page
background image
DS2196
7 of 157
1.2 Typical Applications
1.3 Functional Description
The analog AMI/B8ZS waveform off of the T1 line is transformer coupled into the RRING and RTIP
pins of the DS2196. The device recovers clock and data from the analog signal and passes it through the
optional jitter attenuator to the receive side framer where the digital serial stream is analyzed to locate the
framing/multiframe pattern. The DS2196 contains an active filter that reconstructs the analog received
signal for the nonlinear losses that occur in transmission. The device has a usable receive sensitivity of 0
dB to –36 dB, which allows the device to operate on cables up to 6000 feet in length. The receive side
framer locates D4 (SLC–96) or ESF multiframe boundaries as well as detects incoming alarms including,
carrier loss, loss of synchronization, blue (AIS) and yellow alarms.
The transmit side of the DS2196 is totally independent from the receive side in both the clock
requirements and characteristics. The transmit formatter will provide the necessary frame/multiframe data
overhead for T1 transmission. Once the data stream has been prepared for transmission, it is sent via the
optional jitter attenuator to the wave shaping and line driver functions. The DS2196 will drive the T1 line
from the TTIP and TRING pins via a coupling transformer. The line driver can handle both long haul
(CSU) and short haul (DSX–1) lines.
Long /
Short
Haul
Line
Interface
Unit
(LIU)
Rx
Framer A
Rx HDLC
Tx HDLC
Tx
Formatter A
Rx
Framer B
Rx HDLC
Tx HDLC
Tx
Formatter B
Long /
Short
Haul
Line
Interface
Unit
(LIU)
T1
Interface
A
T1
Interface
B
Microcontroller
DS2196
1.544 MHz
Long /
Short
Haul
Line
Interface
Unit
(LIU)
Rx
Framer A
Rx HDLC
Tx HDLC
Tx
Formatter A
Rx
Framer B
Rx HDLC
Tx HDLC
Tx
Formatter B
T3 /
SONET /
Optical
Mux
T1
Network
Interface
Microcontroller
DS2196
1.544 MHz
NRZ
Interface
OFFICE REPEATER/NIU
Long /
Short
Haul
Line
Interface
Unit
(LIU)
Rx
Framer A
Rx HDLC
Tx HDLC
Tx
Formatter A
Rx
Framer B
Rx HDLC
Tx HDLC
Tx
Formatter B
Short
Haul
Line
Interface
Unit
(LIU)
Telco
T1
Interface
CPE
T1
Interface
Microcontroller
DS2196
1.544 MHz
Long /
Short
Haul
Line
Interface
Unit
(LIU)
Rx
Framer A
Rx HDLC
Tx
Tx
Formatter A
Rx
Framer B
Rx HDLC
Tx HDLC
Tx
Formatter B
HDSL1 /
HDSL2
Modem
T1
Interface
(Remote or
CO Located)
One or Two
Sets of
Twisted
Pair
Microcontroller
DS2196
1.544 MHz
NRZ
Interface
CSU APPLICATION
HDSL1/HDSL2 APPLICATION
T3/SONET/OPTICAL MULTIPLEXER
APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com