Electronic Components Datasheet Search
  English  ▼

X  

DS2196L Datasheet(PDF) 24 Page - Dallas Semiconductor

Part # DS2196L
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196L Datasheet(HTML) 24 Page - Dallas Semiconductor

Back Button DS2196L Datasheet HTML 20Page - Dallas Semiconductor DS2196L Datasheet HTML 21Page - Dallas Semiconductor DS2196L Datasheet HTML 22Page - Dallas Semiconductor DS2196L Datasheet HTML 23Page - Dallas Semiconductor DS2196L Datasheet HTML 24Page - Dallas Semiconductor DS2196L Datasheet HTML 25Page - Dallas Semiconductor DS2196L Datasheet HTML 26Page - Dallas Semiconductor DS2196L Datasheet HTML 27Page - Dallas Semiconductor DS2196L Datasheet HTML 28Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 157 page
background image
DS2196
24 of 157
ADDRESS
R/W
REGISTER NAME
REGISTER
ABBREVIATION
8E
—
Reserved (Set to 00h on power-up)
—
8F
—
Reserved (Set to 00h on power-up)
—
90
R/W
Receive HDLC DS0 Control Register 1
for Framer A
RDC1A
91
R/W
Receive HDLC DS0 Control Register 2
for Framer A
RDC2A
92
R/W
Transmit HDLC DS0 Control Register 1
for Formatter A
TDC1A
93
R/W
Transmit HDLC DS0 Control Register 2
for Formatter A
TDC2A
94
R/W
Receive HDLC DS0 Control Register 1
for Framer B
RDC1B
95
R/W
Receive HDLC DS0 Control Register 2
for Framer B
RDC2B
96
R/W
Transmit HDLC DS0 Control Register 1
for Formatter B
TDC1B
97
R/W
Transmit HDLC DS0 Control Register 2
for Formatter B
TDC2B
98
—
Reserved (Set to 00h on power-up)
—
99
—
Reserved (Set to 00h on power-up)
—
9A
—
Reserved (Set to 00h on power-up)
—
9B
—
Reserved (Set to 00h on power-up)
—
9C
—
Reserved (Set to 00h on power-up)
—
9D
—
Reserved (Set to 00h on power-up)
—
9E
—
Reserved (Set to 00h on power-up)
—
A0
R/W
HDLC Control for Framer B
HCRB
A1
R/W
HDLC Status from Framer B
HSRB
A2
R/W
HDLC Interrupt Mask for Framer B
HIMRB
A3
R/W
Receive HDLC Information for Framer B
RHIRB
A4
R/W
Receive Bit Oriented Code for Framer B
RBOCB
A5
R
Receive HDLC FIFO from Framer B
RHFB
A6
R/W
Transmit HDLC Information for Formatter B
THIRB
A7
R/W
Transmit Bit Oriented Code for Formatter B
TBOCB
A8
W
Transmit HDLC FIFO for Formatter B
THFB
A9
R/W
Test 2 for Framer B (Set to 00h on power-up)
—
AA
R/W
Common Control 7 for Framer B
CCR7B
AB
—
Reserved (Set to 00h on power-up)
—
AC
—
Reserved (Set to 00h on power-up)
—
AD
—
Reserved (Set to 00h on power-up)
—
AE
—
Reserved (Set to 00h on power-up)
—
AF
—
Reserved (Set to 00h on power-up)
—
B0
R/W
Receive Information 3 from Framer B
RIR3B
B1
R/W
Common Control 4 for Framer B
CCR4B
B2
R/W
In–Band Code Control for Framer B
IBCCB
B3
R/W
Transmit Code Definition 1 for Framer B
TCD1B
B4
R/W
Receive Up Code Definition 1 for Framer B
RUPCD1B
B5
R/W
Receive Down Code Definition 1 for Framer B
RDNCD1B
B6
R/W
Transmit Code Definition 2 for Framer B
TCD2B
B7
R/W
Receive Up Code Definition 2 for Framer B
RUPCD2B
B8
R/W
Receive Down Code Definition 2 for Framer B
RDNCD2B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com