Electronic Components Datasheet Search
  English  ▼

X  

DS2196L Datasheet(PDF) 30 Page - Dallas Semiconductor

Part # DS2196L
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196L Datasheet(HTML) 30 Page - Dallas Semiconductor

Back Button DS2196L Datasheet HTML 26Page - Dallas Semiconductor DS2196L Datasheet HTML 27Page - Dallas Semiconductor DS2196L Datasheet HTML 28Page - Dallas Semiconductor DS2196L Datasheet HTML 29Page - Dallas Semiconductor DS2196L Datasheet HTML 30Page - Dallas Semiconductor DS2196L Datasheet HTML 31Page - Dallas Semiconductor DS2196L Datasheet HTML 32Page - Dallas Semiconductor DS2196L Datasheet HTML 33Page - Dallas Semiconductor DS2196L Datasheet HTML 34Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 157 page
background image
DS2196
30 of 157
RCR2A: RECEIVE CONTROL REGISTER 2 FRAMER A (Address = 2C Hex)
(MSB)
(LSB)
RCS
––––
RD4YM
FSBE
MOSCRF
SYMBOL
POSITION
NAME AND DESCRIPTION
RCS
RCR2A.7
Receive Code Select. See Section 11 for more details.
0 = idle code (7F Hex)
1 = digital milliwatt code (1E/0B/0B/1E/9E/8B/8B/9E Hex)
–
RCR2A.6
Not Assigned. Should be set to 0 when written to.
–
RCR2A.5
Not Assigned. Should be set to 0 when written to.
–
RCR2A.4
Not Assigned. Should be set to 0 when written to.
–
RCR2A.3
Not Assigned. Should be set to 0 when written to.
RD4YM
RCR2A.2
Receive Side D4 Yellow Alarm Select.
0 = 0s in bit 2 of all channels
1 = a 1 in the S–bit position of frame 12
FSBE
RCR2A.1
PCVCR Fs–Bit Error Report Enable.
0 = do not report bit errors in Fs–bit position; only Ft bit
position
1 = report bit errors in Fs–bit position as well as Ft bit position
MOSCRF
RCR2A.0
Multiframe Out of Sync Count Register Function Select.
0 = count errors in the framing bit position
1 = count the number of multiframes out of sync



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com