Electronic Components Datasheet Search
  English  ▼

X  

DS2196L Datasheet(PDF) 37 Page - Dallas Semiconductor

Part # DS2196L
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196L Datasheet(HTML) 37 Page - Dallas Semiconductor

Back Button DS2196L Datasheet HTML 33Page - Dallas Semiconductor DS2196L Datasheet HTML 34Page - Dallas Semiconductor DS2196L Datasheet HTML 35Page - Dallas Semiconductor DS2196L Datasheet HTML 36Page - Dallas Semiconductor DS2196L Datasheet HTML 37Page - Dallas Semiconductor DS2196L Datasheet HTML 38Page - Dallas Semiconductor DS2196L Datasheet HTML 39Page - Dallas Semiconductor DS2196L Datasheet HTML 40Page - Dallas Semiconductor DS2196L Datasheet HTML 41Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 157 page
background image
DS2196
37 of 157
Table 6-2: Receive Data Source Mux Modes
RDS2
RDS1
RDS0
Data Source
0
0
0
AIS Generator
0
0
1
Line Interface Unit
0
1
0
PNRZ and PCLK
0
1
1
WNRZ and WCLK
1
X
X
WPS pin selects source
0 = source from PNRZ/PCLK pins
1 = source from WNRZ/WCLK
pins
CCR1B: COMMON CONTROL REGISTER 1 FRAMER B (Address = D7 Hex)
(MSB)
(LSB)
TRAIM
ODF
RSAO
–
TDSS1
TDSS0
PLB
FLB
SYMBOL
POSITION
NAME AND DESCRIPTION
TRAIM
CCR1B.7
Transmit RAI Mode. Only used in ESF framing mode.
0 = normal RAI
1 = RAI-CI
ODF
CCR1B.6
Output Data Format.
0 = bipolar data at TPOSOB and TNEGOB
1 = TX NRZ data at TPOSOB; TNEGOB =TFSYNCB=
TSYNCB delayed by 10 TCLKBs
RSAO
CCR1B.5
Receive Signaling All 1’s.
0 = allow robbed signaling bits to appear at RSERB
1 = force all robbed signaling bits at RSERB to 1
–
CCR1B.4
Not Assigned. Should be set to 0 when written to.
TDSS1
CCR1B.3
TPOS/TNEG Data Source Select 1. Used to select the data
source for the TPOSOB & TNEGOB pins when Framer
Loopback is active. See table 6-3.
TDSS0
CCR1B.2
TPOS/TNEG Data Source Select 0. Used to select the data
source for the TPOSOB & TNEGOB pins when Framer
Loopback is active. See table 6-3.
PLB
CCR1B.1
Payload Loopback.
0 = loopback disabled
1 = loopback enabled
FLB
CCR1B.0
Framer Loopback.
0 = loopback disabled
1 = loopback enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com