Electronic Components Datasheet Search
  English  ▼

X  

DS2196L Datasheet(PDF) 18 Page - Dallas Semiconductor

Part # DS2196L
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196L Datasheet(HTML) 18 Page - Dallas Semiconductor

Back Button DS2196L Datasheet HTML 14Page - Dallas Semiconductor DS2196L Datasheet HTML 15Page - Dallas Semiconductor DS2196L Datasheet HTML 16Page - Dallas Semiconductor DS2196L Datasheet HTML 17Page - Dallas Semiconductor DS2196L Datasheet HTML 18Page - Dallas Semiconductor DS2196L Datasheet HTML 19Page - Dallas Semiconductor DS2196L Datasheet HTML 20Page - Dallas Semiconductor DS2196L Datasheet HTML 21Page - Dallas Semiconductor DS2196L Datasheet HTML 22Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 157 page
background image
DS2196
18 of 157
Signal Type:
Output
This digital output will provide either a frame synchronization pulse or the negative half of a bipolar data stream.
The signal is based on what is provided at the TNEGLI input.
Signal Name:
LNRZ
Signal Description:
LIU NRZ Data
Signal Type:
Output
This digital output will provide either a NRZ data stream or the positive half of a bipolar data stream. The signal is
based on what is provided at the TPOSLI input.
Signal Name:
LCLK
Signal Description:
LIU Clock
Signal Type:
Output
This digital output provides the 1.544 MHz transmit LIU clock. The signal is based on what is provided at the
TCLKLI input.
Signal Name:
TNEGLI
Signal Description:
Transmit Negative Data for the LIU
Signal Type:
Input
This digital input is used to pass either the negative half of a bipolar data stream or a frame synchronization pulse
via the jitter attenuator block to the transmit line driver block and the LFSYNC output pin. Data input to this pin is
sampled on the falling edge of TCLKLI. TNEGLI can be internally connected to TNEGOA/TFSYNCA via the
CCR4A.2 control bit.
Signal Name:
TPOSLI
Signal Description:
Transmit Positive Data for the LIU
Signal Type:
Input
This digital input is used to pass either the positive half of a bipolar data stream or a NRZ data stream via the jitter
attenuator block to the transmit line driver block and the LNRZ output pin. Data input to this pin is sampled on the
falling edge of TCLKLI. TPOSLI can be internally connected to TPOSOA/TNRZA via the CCR4A.2 control bit.
Signal Name:
TCLKLI
Signal Description:
Transmit Clock for the LIU
Signal Type:
Input
This digital input is used to pass a 1.544 MHz clock via the jitter attenuator block to the transmit line driver block
and the LCLK output pin. TCLKLI can be internally connected to TCLKOA via the CCR4A.2 control bit.
Signal Name:
WNRZ
Signal Description:
Working NRZ Data
Signal Type:
Input
This digital input is used to pass a NRZ data stream via the Data Source Selection MUX and the jitter attenuator
block to the RPOSLO and RNEGLO output pins. Data input to this pin is sampled on the falling or rising edge of
WCLK.
Signal Name:
WCLK
Signal Description:
Working Clock
Signal Type:
Input
This digital input is used to pass a 1.544 MHz clock via the Data Source Selection MUX and the jitter attenuator
block to the RCLKLO output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com