| Electronic Components Datasheet Search |
|
DS2196L Datasheet(PDF) 97 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2196L Datasheet(HTML) 97 Page - Dallas Semiconductor |
|
97 / 157 page ![]() DS2196 97 of 157 ERCA: ERROR RATE CONTROL REGISTER FRAMER A (Address = 80 Hex) ERCB: ERROR RATE CONTROL REGISTER FRAMER A (Address = 85 Hex) (MSB) (LSB) WNOE RNOE TCBE CE ER3 ER2 ER1 ER0 SYMBOL POSITION NAME AND DESCRIPTION WNOE ERC.7 Write NOE Registers. If the Host wishes to update to the NOE registers, this bit must be toggled from a 0 to a 1 after the Host has already loaded the prescribed error count into the NOE registers. The toggling of this bit causes the error count loaded into the NOE registers to be loaded into the error insertion circuitry on the next clock cycle. Subsequent updates require that the WNOE bit be set to 0 and then 1 once again. RNOE ERC.6 Read RNOEL Registers. If the Host wishes to obtain the latest count of the number of errors left to be inserted by the error insertion function, then this bit must be toggled from a 0 to a 1. Subsequent reads require that the RNOE bit be set to 0 and then 1 once again. The Host must wait at least 972 ns (1.5 clock periods) after toggling this bit to read the NOEL registers. The Host may read the NOEL registers at any time but they will contain either the count of errors left to be inserted (after toggling the RNOE bit) or the count of the number of errors that the Host has loaded (after writing to the NOE registers). TCBE ERC.5 TCHBLK Enable. This bit determines whether the TCHBLK signal should be used to “block” certain channels from being corrupted. When TCBE is set high, then the error insertion logic will not corrupt DS0 channels in which the TCHBLK signal has be programmed high. 0 = all the error insertion logic to corrupt all DS0 channels 1 = allow the error insertion logic to only corrupt the DS0 channels determined by the TCHBLK signal CE ERC.4 Constant Errors. When this bit is set high (and the ER0 to ER3 bits are not set to 0000), the error insertion logic will ignore the Number Of Error registers (NOE1A, NOE2A, NOE1B, and NOE2B) and generate errors constantly at the selected insertion rate. When CE is set to 0, the NOE registers determine how many errors are to be inserted. ER3 ERC.3 Error Rate Bit 3. Refer to Table 16-1 for details. ER2 ERC.2 Error Rate Bit 2. Refer to Table 16-1 for details. ER1 ERC.1 Error Rate Bit 1. Refer to Table 16-1 for details. ER0 ERC.0 Error Rate Bit 0. Refer to Table 16-1 for details. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |