Electronic Components Datasheet Search
  English  ▼

X  

DS2196L Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS2196L
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196L Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS2196L Datasheet HTML 7Page - Dallas Semiconductor DS2196L Datasheet HTML 8Page - Dallas Semiconductor DS2196L Datasheet HTML 9Page - Dallas Semiconductor DS2196L Datasheet HTML 10Page - Dallas Semiconductor DS2196L Datasheet HTML 11Page - Dallas Semiconductor DS2196L Datasheet HTML 12Page - Dallas Semiconductor DS2196L Datasheet HTML 13Page - Dallas Semiconductor DS2196L Datasheet HTML 14Page - Dallas Semiconductor DS2196L Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 157 page
background image
DS2196
11 of 157
PIN
SYMBOL
TYPE
FUNCTION
43
TCLKOB
O
Transmit Clock Output from Formatter B.
44
DVSS
–
Digital Signal Ground.
45
DVDD
–
Digital Positive Supply. 3.3V (±5%).
46
TCLKOA
O
Transmit Clock Output from Formatter A.
47
TNEGOA /
TFSYNCA
O
Transmit Negative Data Output from Formatter A /
Transmit Frame Sync Pulse Output from Formatter A.
48
TPOSOA /
TNRZA
O
Transmit Positive Data Output / Transmit NRZ Data Output from
Formatter A.
49
TSERA
I
Transmit Serial Data Input for Formatter A.
50
TCLKA
I
Transmit Clock Input for Formatter A.
51
TSYNCA
I/O
Transmit Frame & Multiframe Pulse for/from Formatter A.
52
TCHCLKA /
TLCLKA
O
Transmit DS0 Channel Clock Output from Formatter A /
Transmit FDL Link Clock Output from Formatter A.
53
TCHBLKA /
TLINKA
I/O
Transmit Channel Blocking Clock Output from Formatter A /
Transmit FDL Link Data Input for Formatter A.
54
MUX
I
Bus Operation. 0 = Non-Mux Bus / 1 = Mux Bus Operation.
55
D0 / AD0
I/O
Data Bus Bit 0 / Address/Data Bus Bit 0. LSB.
56
D1 / AD1
I/O
Data Bus Bit 1 / Address/Data Bus Bit 1.
57
D2 / AD2
I/O
Data Bus Bit 2 / Address/Data Bus Bit 2.
58
D3 / AD3
I/O
Data Bus Bit 3 / Address/Data Bus Bit 3.
59
D4 / AD4
I/O
Data Bus Bit 4 / Address/Data Bus Bit 4.
60
D5 / AD5
I/O
Data Bus Bit 5 / Address/Data Bus Bit 5.
61
D6 / AD6
I/O
Data Bus Bit 6 / Address/Data Bus Bit 6.
62
D7 / AD7
I/O
Data Bus Bit 7 / Address/Data Bus Bit 7. MSB.
63
DVSS
–
I/O Digital Signal Ground.
64
DVDD
–
I/O Digital Positive Supply. 3.3V (±5%).
65
A0
I
Address Bus Bit 0. LSB.
66
A1
I
Address Bus Bit 1
67
A2
I
Address Bus Bit 2
68
A3
I
Address Bus Bit 3
69
A4
I
Address Bus Bit 4
70
A5
I
Address Bus Bit 5
71
A6
I
Address Bus Bit 6
72
A7 / ALE(AS)
I
Address Bus Bit 7 / Address Latch Enable (Address Strobe). MSB.
73
RD*(DS*)
I
Read Input (Data Strobe).
74
CS*
I
Chip Select. Active Low Signal.
75
WR*(R/W*)
I
Write Input (Read/Write).
76
RCHBLKA /
RLINKA
O
Receive Channel Blocking Clock Output from Framer A /
Receive FDL Link Data Output from Framer A.
77
RCHCLKA /
RLCLKA
O
Receive DS0 Channel Clock Output from Framer A /
Receive FDL Link Clock Output from Framer A.
78
RCLKIA
I
Receive Clock Input for Framer A.
79
RPOSIA
I
Receive Positive & NRZ Data Input for Framer A.
80
RNEGIA
I
Receive Negative & NRZ Data Input for Framer A.
81
RCLKA
O
Receive Clock Output from Framer A.
82
RSERA
O
Receive Serial Data Output from Framer A.
83
RMSYNCA
O
Receive Multiframe Pulse from Framer A.
84
RFSYNCA
O
Receive Frame Pulse from Framer A.
85
RLOSA/
LOTCA
O
Receive Loss Of Synchronization from Framer A /
Loss of Transmit Clock Framer A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com