Electronic Components Datasheet Search
  English  ▼

X  

DS2196L Datasheet(PDF) 38 Page - Dallas Semiconductor

Part # DS2196L
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196L Datasheet(HTML) 38 Page - Dallas Semiconductor

Back Button DS2196L Datasheet HTML 34Page - Dallas Semiconductor DS2196L Datasheet HTML 35Page - Dallas Semiconductor DS2196L Datasheet HTML 36Page - Dallas Semiconductor DS2196L Datasheet HTML 37Page - Dallas Semiconductor DS2196L Datasheet HTML 38Page - Dallas Semiconductor DS2196L Datasheet HTML 39Page - Dallas Semiconductor DS2196L Datasheet HTML 40Page - Dallas Semiconductor DS2196L Datasheet HTML 41Page - Dallas Semiconductor DS2196L Datasheet HTML 42Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 157 page
background image
DS2196
38 of 157
Table 6-3: TPOSB/TNEGB Data Source Select
TTDSS1 TTDSS0
Data Source
0
0
Pass tpos/tclk/tneg from the framer through to the
TPOSOB/TCLKOB/TNEGOB pins.
0
1
Force TPOSOB to source data from the BERT circuit. TNEGOB
is the frame sync pulse.
1
0
Force TPOSOB high. TNEGOB is the frame sync pulse.
1
1
Force TPOSOB and TNEGOB high.
Payload Loopback A
Payload Loopback When CCR1A.1 is set to a 1, the Framer/Formatter A will be forced into Payload
Loopback (PLB). Normally, this loopback is only enabled when ESF framing is being performed but can
be enabled also in D4 framing applications. In a PLB situation, the DS2196 will loop the 192 bits of
payload data (with BPVs corrected) from the receive section back to the transmit section. The FPS
framing pattern, CRC6 calculation, and the FDL bits are not looped back, they are reinserted by the
DS2196. When PLB is enabled, the following will occur:
1. The TCLKOA signal will become synchronous with RCLKA instead of TCLKA.
2. Data will be transmitted from the TRING and TTIP pins synchronous with RCLKA instead of
TCLKA.
3. All of the receive side signals will continue to operate normally.
4. The TCHCLKA and TCHBLKA signals are forced low.
5. TX serial data into Formatter A is ignored.
Payload Loopback B
When CCR1B.1 is set to a 1, the Framer/Formatter B will be forced into Payload Loopback (PLB).
Normally, this loopback is only enabled when ESF framing is being performed but can be enabled also in
D4 framing applications. In a PLB situation, the DS2196 will loop the 192 bits of payload data (with
BPVs corrected) from the receive section back to the transmit section. The FPS framing pattern, CRC6
calculation, and the FDL bits are not looped back, they are reinserted by the DS2196. When PLB is
enabled, the following will occur:
1. The TCLKOB signal will become synchronous with RCLKIB instead of TCLKB.
2. Data will be transmitted from the TPOSOB and TNEGOB pins synchronous with RCLKIB instead of
TCLKB.
3. All of the receive side signals will continue to operate normally.
4. The TCHCLKB and TCHBLKB signals are forced low.
5. TX serial data into Formatter B is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com