Electronic Components Datasheet Search
  English  ▼

X  

DS2196L Datasheet(PDF) 96 Page - Dallas Semiconductor

Part # DS2196L
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196L Datasheet(HTML) 96 Page - Dallas Semiconductor

Back Button DS2196L Datasheet HTML 92Page - Dallas Semiconductor DS2196L Datasheet HTML 93Page - Dallas Semiconductor DS2196L Datasheet HTML 94Page - Dallas Semiconductor DS2196L Datasheet HTML 95Page - Dallas Semiconductor DS2196L Datasheet HTML 96Page - Dallas Semiconductor DS2196L Datasheet HTML 97Page - Dallas Semiconductor DS2196L Datasheet HTML 98Page - Dallas Semiconductor DS2196L Datasheet HTML 99Page - Dallas Semiconductor DS2196L Datasheet HTML 100Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 157 page
background image
DS2196
96 of 157
16.
ERROR INSERTION FUNCTION
An Error insertion function is available in each formatter of the DS2196 and is used to create errors in the
payload portion of the T1 frame in the transmit path. See Figure 21-7 for location. Errors can be inserted
over the entire frame or the user may select which channels are to be corrupted. Errors are created by
inverting the last bit in the count sequence. For example if the error rate 1 in 16 is selected, the 16th bit is
inverted. F-bits are excluded from the count and are never corrupted. Error rate changes occur on frame
boundaries. Error insertion options include continuous and absolute number with both options supporting
selectable insertion rates.
Transmit error insertion setup guideline.
1.
Enter desired error rate in the ERC register. Refer to table 16-1 for available
rates. Note: If ER3:0 = 0, no errors will be generated even if the constant error
insertion feature is enabled.
2A.
For constant error insertion set CE = 1 (ERC.4).
or
2B.
For a defined number of errors:
- Set CE = 0 (ERC.4)
- Load NOE1 & NOE 2 with the number of errors to be inserted
- Toggle WNOE (ERC.7) from 0 to 1, to begin error insertion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com