Electronic Components Datasheet Search
  English  ▼

X  

DS2196L Datasheet(PDF) 127 Page - Dallas Semiconductor

Part # DS2196L
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196L Datasheet(HTML) 127 Page - Dallas Semiconductor

Back Button DS2196L Datasheet HTML 123Page - Dallas Semiconductor DS2196L Datasheet HTML 124Page - Dallas Semiconductor DS2196L Datasheet HTML 125Page - Dallas Semiconductor DS2196L Datasheet HTML 126Page - Dallas Semiconductor DS2196L Datasheet HTML 127Page - Dallas Semiconductor DS2196L Datasheet HTML 128Page - Dallas Semiconductor DS2196L Datasheet HTML 129Page - Dallas Semiconductor DS2196L Datasheet HTML 130Page - Dallas Semiconductor DS2196L Datasheet HTML 131Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 157 page
background image
DS2196
127 of 157
Update-IR
The instruction code shifted into the instruction shift register is latched into the parallel output on the
falling edge of JTCLK as the controller enters this state. Once latched, this instruction becomes the
current instruction. A rising edge on JTCLK with JTMS low, will put the controller in the Run-Test-Idle
state. With JTMS high, the controller will enter the Select-DR-Scan state.
Figure 20-2: TAP CONTROLLER STATE MACHINE
20.3INSTRUCTION REGISTER AND INSTRUCTIONS
The instruction register contains a shift register as well as a latched parallel output and is 3 bits in length.
When the TAP controller enters the Shift-IR state, the instruction shift register will be connected between
JTDI and JTDO. While in the Shift-IR state, a rising edge on JTCLK with JTMS low will shift the data
one stage towards the serial output at JTDO. A rising edge on JTCLK in the Exit1-IR state or the Exit2-
IR state with JTMS high will move the controller to the Update-IR state The falling edge of that same
JTCLK will latch the data in the instruction shift register to the instruction parallel output. Instructions
supported by the DS2196 with their respective operational binary codes are shown in Table 20-1.
1
0
0
1
11
1
1
1
1
1
11
1
1
00
00
0
1
0
0
0
0
1
1
0
0
0
0
Select
DR-Scan
Capture DR
Shift DR
Exit DR
Pause DR
Exit2 DR
Update DR
Select
IR-Scan
Capture IR
Shift IR
Exit IR
Pause IR
Exit2 IR
Update IR
Test Logic
Reset
Run Test/
Idle
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com