Electronic Components Datasheet Search
  English  ▼

X  

DS2196L Datasheet(PDF) 142 Page - Dallas Semiconductor

Part # DS2196L
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196L Datasheet(HTML) 142 Page - Dallas Semiconductor

Back Button DS2196L Datasheet HTML 138Page - Dallas Semiconductor DS2196L Datasheet HTML 139Page - Dallas Semiconductor DS2196L Datasheet HTML 140Page - Dallas Semiconductor DS2196L Datasheet HTML 141Page - Dallas Semiconductor DS2196L Datasheet HTML 142Page - Dallas Semiconductor DS2196L Datasheet HTML 143Page - Dallas Semiconductor DS2196L Datasheet HTML 144Page - Dallas Semiconductor DS2196L Datasheet HTML 145Page - Dallas Semiconductor DS2196L Datasheet HTML 146Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 157 page
background image
DS2196
142 of 157
AC CHARACTERISTICS – MULTIPLEXED PARALLEL PORT (MUX=1)
(0ºC to +70ºC; VDD = 3.135 to 3.465V for DS2196L)
(-40ºC to +85ºC; VDD = 3.135 to 3.465V for DS2196LN)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Cycle Time
tCYC
200
ns
Pulse Width, DS low or
RD* high
pwEL
100
ns
Pulse Width, DS high or
RD* low
pwEH
100
ns
Input Rise/Fall times
tR , tF
20
ns
R/W* Hold Time
tRWH
10
ns
R/W* Set Up time
before DS high
tRWS
50
ns
CS* Set Up time before
DS, WR* or RD* active
tCS
20
ns
CS* Hold time
tCH
0ns
Read Data Hold time
tDHR
10
50
ns
Write Data Hold time
tDHW
0ns
MUX’d Address valid
to AS or ALE fall
tASL
15
ns
Muxed Address Hold
time
tAHL
10
ns
Delay time DS, WR* or
RD* to AS or ALE rise
tASD
20
ns
Pulse Width AS or ALE
high
pwASH
30
ns
Delay time, AS or ALE
to DS, WR* or RD*
tASED
10
ns
Output Data Delay time
from DS or RD*
tDDR
20
150
ns
Data Set Up time
tDSW
50
ns
(See Figures 22-1 to 22-3 for details)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com