Electronic Components Datasheet Search
  English  ▼

X  

LM9811 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9811
Description  10-Bit Greyscale/30-Bit Color Linear CCD Sensor Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9811 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM9811 Datasheet HTML 1Page - National Semiconductor (TI) LM9811 Datasheet HTML 2Page - National Semiconductor (TI) LM9811 Datasheet HTML 3Page - National Semiconductor (TI) LM9811 Datasheet HTML 4Page - National Semiconductor (TI) LM9811 Datasheet HTML 5Page - National Semiconductor (TI) LM9811 Datasheet HTML 6Page - National Semiconductor (TI) LM9811 Datasheet HTML 7Page - National Semiconductor (TI) LM9811 Datasheet HTML 8Page - National Semiconductor (TI) LM9811 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Absolute Maximum Ratings (Notes 1, 2)
Positive Supply Voltage (V
+ = V
A = VD = VD(I/O)
with Respect to
GND = AGND = DGND = DGND
(I/O)
6.5V
Voltage on any Input or Output Pin
0.3V to V
+ +0.3V
Input Current at any Pin (Note 3)
±25 mA
Package Input Current (Note 3)
±50 mA
Package Dissipation at T
A = 25˚C
(Note 4)
ESD Susceptibility (Note 5)
Human Body Model
2000V
Soldering Information (Note 6)
Infrared, 10 seconds
LM9811CCV
300˚C
LM9811CCVF
220˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Operating Temperature
Range
T
MIN ≤ TA ≤ TMAX
LM9811CCV, LM9811CCVF
0˚C
≤ T
A ≤ +70˚C
V
A Supply Voltage
+4.75V to +5.25V
V
D Supply Voltage
+4.75V to +5.25V
V
D(I/O) Supply Voltage
+2.7V to +5.25V
|V
A–VD|
≤ 100 mV
V
A–VD(I/O)
≥ −100 mV
OS, REF IN Voltage Range
−0.05V to V
A + 0.05V
CD0–CD7, MCLK, SYNC,
SDI, SCLK, CS, RD,
Voltage Range
−0.05V to V
D(I/O) + 0.05V
Electrical Characteristics
The following specifications apply for AGND = DGND = DGND(I/O) = 0V, V
A = VD = +5.0VDC,VD(I/O) = +5.0 or +3.0VDC,
REF IN = +1.225V
DC,fMCLK = 20MHz, RS = 25Ω. All LSB units are ADC LSBs unless otherwise specified. Boldface limits
apply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = 25˚C. (Note 8)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 9)
(Note 10)
(Limits)
CCD SOURCE REQUIREMENTS FOR FULL SPECIFIED ACCURACY AND DYNAMIC RANGE (Note 11)
V
WHITE
Maximum Peak CCD Differential
VGA Gain = 0dB
1.1
V (min)
Signal Range
VGA Gain = 9dB
0.4
V (min)
V
RFT
Maximum CCD Reset FeedThrough
Amplitude
2
V (min)
ADC CHARACTERISTICS (Note 16)
Resolution with No Missing Codes
f
MCLK = 12MHz
9
Bits (min)
ILE
Integral Linearity Error (Note 12)
f
MCLK = 12MHz
+4.0
LSB (max)
−3.0
LSB (min)
DNL
Differential Non-Linearity
f
MCLK = 12MHz
+2.0
LSB (max)
PGA CHARACTERISTICS
Monotonicity
8
Bits (min)
PGA Adjustment Range
2.95
2.8
V/V (min)
Gain Error at any Gain (Note 14)
1.4
% (max)
VGA CHARACTERISTICS
Monotonicity
4
Bits (min)
VGA Adjustment Range
8.95
8.5
dB (min)
Gain Error at any Gain (Note 15)
±0.15
dB (max)
OFFSET TRIM CHARACTERISTICS
Offset DAC LSB Size
In Units of ADC LSBs
1.7
LSB
Offset DAC DNL
In Units of Offset DAC LSBs
±0.25
±0.9
LSB
Offset Add Magnitude
In Units of ADC LSBs
8
6.4
LSB (min)
10.0
LSB (max)
SYSTEM CHARACTERISTICS
Full Channel Gain Error
VGA Gain = 1, PGA Gain = 1
±0.6
±3.0
% (max)
Pre-PGA Offset Error (In ADC LSBs)
VGA Gain = 1, Offset DAC = 0
±4
LSB
Post-PGA Offset Error (In ADC LSBs)
Offset Add = 0
±4
LSB
REFERENCE AND ANALOG INPUT CHARACTERSTICS (Note 7)
OS Input Capacitance
5
pF
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com