Electronic Components Datasheet Search
  English  ▼

X  

LM9811 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9811
Description  10-Bit Greyscale/30-Bit Color Linear CCD Sensor Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9811 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM9811 Datasheet HTML 1Page - National Semiconductor (TI) LM9811 Datasheet HTML 2Page - National Semiconductor (TI) LM9811 Datasheet HTML 3Page - National Semiconductor (TI) LM9811 Datasheet HTML 4Page - National Semiconductor (TI) LM9811 Datasheet HTML 5Page - National Semiconductor (TI) LM9811 Datasheet HTML 6Page - National Semiconductor (TI) LM9811 Datasheet HTML 7Page - National Semiconductor (TI) LM9811 Datasheet HTML 8Page - National Semiconductor (TI) LM9811 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Electrical Characteristics (Continued)
The following specifications apply for AGND = DGND = DGND(I/O) = 0V, V
A = VD = +5.0VDC,VD(I/O) = +5.0 or +3.0VDC,
REF IN = +1.225V
DC,fMCLK = 20MHz, RS = 25Ω. All LSB units are ADC LSBs unless otherwise specified. Boldface limits
apply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = 25˚C. (Note 8)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 9)
(Note 10)
(Limits)
REFERENCE AND ANALOG INPUT CHARACTERSTICS (Note 7)
OS Input Leakage Current
Measured with OS = 2.45V
DC
2
20
nA (max)
R
REF
ADC Reference Ladder (REF OUT
HI
950
500
Ω (min)
to REF IN) Impedance
2000
Ω (max)
REF IN
Reference Voltage (Note 13)
1.225
1.19
V (min)
1.26
V (max)
DC and Logic Electrical Characteristics
The following specifications apply for AGND = DGND = DGND
(I/O) = 0V, VA = VD = +5.0VDC,VD(I/O) = +5.0 or +3.0VDC, REF
IN = +1.225V
DC,fMCLK = 20MHz, Rs = 25Ω. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ =
25˚C.
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 9)
(Note 10)
(Limits)
CD0–CD7, MCLK, SYNC, SDI, SCLK, CS , RD DIGITAL INPUT CHARACTERISTICS
V
IN(1)
Logical “1” Input Voltage
V
D(I/O) = 5.25V
2.0
V (min)
V
D(I/O) = 3.6V
2.0
V (min)
V
IN(0)
Logical “0” Input Voltage
V
D(I/O) = 4.75V
0.8
V (max)
V
D(I/O) = 2.7V
0.7
V (max)
I
IN
Input Leakage Current
V
IN = VD
0.1
µA
V
IN = DGND
−0.1
µA
C
IN
Input Capacitance
5
pF
DD0–DD9, EOC , CCLK, SDO DIGITAL OUTPUT CHARACTERISTICS
V
OUT(1)
Logical “1” Output Voltage
V
D(I/O) = 4.75V, IOUT = −360 µA
2.4
V (min)
V
D(I/O) = 4.75V, IOUT = −10 µA
4.4
V (min)
V
D(I/O) = 2.7V, IOUT = −360 µA
2.1
V (min)
V
D(I/O) = 2.7V, IOUT = −10 µA
2.5
V (min)
V
OUT(0)
Logical “0” Output Voltage
V
D(I/O) = 5.25V, IOUT = 1.6 mA
0.4
V (max)
V
D(I/O) = 3.6V, IOUT = 1.6 mA
0.4
V (max)
I
OUT
TRI-STATE® Output Current
V
OUT = DGND
0.1
µA
(DD0–DD9 only)
V
OUT = VD
−0.1
µA
C
OUT
TRI-STATE Output Capacitance
5
pF
φ1, φ2, RS, TR DIGITAL OUTPUT CHARACTERISTICS
V
OUT(1)
Logical “1” Output Voltage
V
D = 4.75V, IOUT = −360 µA
2.4
V (min)
V
D = 4.75V, IOUT = −10 µA
4.4
V (min)
V
OUT(0)
Logical “0” Output Voltage
V
D = 5.25V, IOUT = 1.6 mA
0.4
V (max)
POWER SUPPLY CHARACTERISTICS
I
A
Analog Supply Current
Operating
25
38
mA (max)
Standby
50
µA
I
D
Digital Supply Current
Operating
6
8
mA (max)
Standby
65
µA
I
D(I/O)
Digital I/O Supply Current
Operating, V
D(I/O) = 5.0V
3.1
6
mA (max)
Operating, V
D(I/O) = 3.0V
1.6
4
mA (max)
Standby, V
D(I/O) = 5.0V or 3.0V
1.7
mA
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com