Electronic Components Datasheet Search
  English  ▼

X  

LM9811 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9811
Description  10-Bit Greyscale/30-Bit Color Linear CCD Sensor Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9811 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM9811 Datasheet HTML 1Page - National Semiconductor (TI) LM9811 Datasheet HTML 2Page - National Semiconductor (TI) LM9811 Datasheet HTML 3Page - National Semiconductor (TI) LM9811 Datasheet HTML 4Page - National Semiconductor (TI) LM9811 Datasheet HTML 5Page - National Semiconductor (TI) LM9811 Datasheet HTML 6Page - National Semiconductor (TI) LM9811 Datasheet HTML 7Page - National Semiconductor (TI) LM9811 Datasheet HTML 8Page - National Semiconductor (TI) LM9811 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
AC Electrical Characteristics, MCLK Independent
The following specifications apply for AGND = DGND = DGND
(I/O) = 0V, VA = VD = VD(I/O) = +5.0VDC, REF IN = +1.225VDC,
f
MCLK = 20MHz, tMCLK = 1/fMCLK,tr = tf = 5ns, Rs = 25Ω,CL(databus loading) = 50 pF/pin. Boldface limits apply for TA = TJ
= T
MIN to TMAX; all other limits TA = TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 9)
(Note 10)
(Limits)
f
MCLK
Maximum MCLK Frequency (Note 16)
20
MHz (min)
Minimum MCLK Frequency
1
MHz (max)
MCLK Duty Cycle
30
40
% (min)
70
60
% (max)
t
A
SYNC Setup of MCLK
5
10
ns (min)
t
CDSETUP
Correction Data Valid to CLK Setup
14
20
ns (min)
t
CDHOLD
Correction Data Valid to CLK Hold
−12
0
ns (min)
t
D1H,tD0H
RD High to DD0–DD9 TRI-STATE
5
15
ns (max)
t
DACC
Access Time Delay from RD Low to
DD0–DD9 Data Valid
15
30
ns (max)
f
SCLK
Maximum SCLK Frequency
8
MHz (min)
SCLK Duty Cycle
40
% (min)
60
% (max)
t
SDI
SDI Set-Up Time from SCLK
Rising Edge
3
10
ns (min)
t
HDI
SDI Hold Time from SCLK
Rising Edge
2
15
ns (min)
t
DDO
Delay from SCLK Falling Edge to
SDO Data Valid
25
55
ns (max)
t
HDO
SDO Hold Time from SCLK
Falling Edge
R
L = 3k, CL = 25pF
30
55
ns (max)
5
ns (min)
t
DELAY
DELAY from SCLK Falling Edge to CS
Rising or Falling Edge
5
10
ns (min)
t
SETUP
Set-Up Time of CS Rising or Falling
Edge to SCLK Rising Edge
0
10
ns (min)
t
S1H,tS0H
Delay from CS Rising Edge to SDO
TRI-STATE
R
L = 3k, CL = 50pF
25
50
ns (max)
t
RDO
SDO Rise Time, TRI-STATE to High
R
L = 3k, CL = 50pF
20
ns
SDO Rise Time, Low to High
20
ns
t
FDO
SDO Fall Time, TRI-STATE to Low
R
L = 3k, CL = 50pF
20
ns
SDO Fall Time, High to Low
20
ns
AC Electrical Characteristics, MCLK Dependent
The following specifications apply for AGND = DGND = DGND
(I/O) = 0V, VA = VD = VD(I/O) = +5.0VDC, REF IN = +1.225VDC,
f
MCLK = 20MHz, tMCLK = 1/fMCLK,tr = tf = 5ns, Rs = 25Ω,CL(databus loading) = 50 pF/pin. Refer to Table 2. Configuration
Register Parameters for limits labelled C.R. Boldface limits apply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ =
25˚C.
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 9)
(Note 10)
(Limits)
t
START
MCLK to first
φ1 High
50ns
1
t
MCLK
tφ
φ1, φ2 Clock Period
Standard CCD Mode
400ns
8
t
MCLK
Even/Odd CCD Mode
800ns
16
t
MCLK
t
TRWIDTH
Transfer Pulse (TR) Width
C.R.
µs
t
GUARD
φ1 to TR, TR to φ1 Guardband
C.R.
ns
t
RSWIDTH
Reset Pulse (RS) Width
C.R.
ns
t
RS
Falling Edge of
φ1 to RS
Standard CCD Mode
C.R.
ns
Either Edge of
φ1 to RS
Even/Odd CCD Mode
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com