Electronic Components Datasheet Search
  English  ▼

X  

LM9811 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9811
Description  10-Bit Greyscale/30-Bit Color Linear CCD Sensor Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9811 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM9811 Datasheet HTML 12Page - National Semiconductor (TI) LM9811 Datasheet HTML 13Page - National Semiconductor (TI) LM9811 Datasheet HTML 14Page - National Semiconductor (TI) LM9811 Datasheet HTML 15Page - National Semiconductor (TI) LM9811 Datasheet HTML 16Page - National Semiconductor (TI) LM9811 Datasheet HTML 17Page - National Semiconductor (TI) LM9811 Datasheet HTML 18Page - National Semiconductor (TI) LM9811 Datasheet HTML 19Page - National Semiconductor (TI) LM9811 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Configuration Register t
MCLK = 1/fMCLK = 1 MCLK period. Examples given in parenthesis are for fMCLK =
20MHz (t
MCLK = 50ns). Times for 12MHz MCLK can be calculated by multiplying by
(Continued)
TABLE 2. Configuration Register Parameters (Continued)
Parameter
Control Bits
Result
RS Pulse Position
(t
RS)
RSPOS3
RSPOS2
RSPOS1
RSPOS0
0
0
0
0
0.0t
MCLK (0ns)
0
0
0
1
0.5t
MCLK (25ns)
0
0
1
0
1.0t
MCLK (50ns)
0
0
1
1
1.5t
MCLK (75ns)
0
1
0
0
2.0t
MCLK (100ns)
0
1
0
1
2.5t
MCLK (125ns)
0
1
1
0
3.0t
MCLK (150ns)
0
1
1
1
3.5t
MCLK (175ns)
1
0
0
0
4.0t
MCLK (200ns)
1
0
0
1
4.5t
MCLK (225ns)
1
0
1
0
5.0t
MCLK (250ns)
1
0
1
1
5.5t
MCLK (275ns)
1
1
0
0
6.0t
MCLK (300ns)
1
1
0
1
6.5t
MCLK (325ns)
1
1
1
0
7.0t
MCLK (350ns)
1
1
1
1
7.5t
MCLK (375ns)
Sample Reference
Position (t
S/HREF)
SR3
SR2
SR1
SR0
0
0
0
0
0.0t
MCLK (0ns)
0
0
0
1
0.5t
MCLK (25ns)
0
0
1
0
1.0t
MCLK (50ns)
0
0
1
1
1.5t
MCLK (75ns)
0
1
0
0
2.0t
MCLK (100ns)
0
1
0
1
2.5t
MCLK (125ns)
0
1
1
0
3.0t
MCLK (150ns)
0
1
1
1
3.5t
MCLK (175ns)
1
0
0
0
4.0t
MCLK (200ns)
1
0
0
1
4.5t
MCLK (225ns)
1
0
1
0
5.0t
MCLK (250ns)
1
0
1
1
5.5t
MCLK (275ns)
1
1
0
0
6.0t
MCLK (300ns)
1
1
0
1
6.5t
MCLK (325ns)
1
1
1
0
7.0t
MCLK (350ns)
1
1
1
1
Not Valid
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com