Electronic Components Datasheet Search
  English  ▼

X  

LM9811 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9811
Description  10-Bit Greyscale/30-Bit Color Linear CCD Sensor Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9811 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM9811 Datasheet HTML 3Page - National Semiconductor (TI) LM9811 Datasheet HTML 4Page - National Semiconductor (TI) LM9811 Datasheet HTML 5Page - National Semiconductor (TI) LM9811 Datasheet HTML 6Page - National Semiconductor (TI) LM9811 Datasheet HTML 7Page - National Semiconductor (TI) LM9811 Datasheet HTML 8Page - National Semiconductor (TI) LM9811 Datasheet HTML 9Page - National Semiconductor (TI) LM9811 Datasheet HTML 10Page - National Semiconductor (TI) LM9811 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Electrical Characteristics (Notes) (Continued)
Note 11: For CCDs, VBLACK is defined as the CCD OS voltage for the reference period following the reset feedthrough pulse. VWHITE is defined as the peak CCD
pixel output voltage for a white (full scale) image with respect to the reference level, VBLACK -VRFT is defined as the peak positive deviation above VBLACK of the
reset feedthrough pulse. For CIS, VWHITE is defined as the peak CCD pixel output voltage for a white (full scale) image with respect to GND (0V). The maximum
correctable range of pixel-to-pixel VWHITE variation is defined as the maximum variation in VWHITE (due to PRNU, light source intensity variation, optics, etc.) that
the LM9811 can correct for using its internal PGA.
Note 12: Integral linearity error is defined as the deviation of the analog value, expressed in LSBs, from the straight line that best fits the actual transfer function
of the ADC.
Note 13: Reference voltages below 1.19V may decrease SNR. Reference voltages above 1.26V may cause clipping errors inside the LM9811. The
LM4041EIM3-1.2 (SOT-23 package) or the LM4041EIZ-1.2 (TO-92 package) bandgap voltage references are recommended for this application.
Note 14: PGA Gain Error is the maximum difference between the measured gain for any PGA code and the ideal gain calculated by using the formula
and PGA RANGE = the PGA adjustment range (in V/V) of the LM9811 under test.
Note 15: VGA Gain Error is the maximum difference between the measured gain for any VGA code and the ideal gain calculated by using the formula
and VGA RANGE = the VGA adjustment range (in dB) of the LM9811 under test.
Note 16: ADC Characteristics (Resolution, INL and DNL) are guaranteed for fMCLK up to 12MHz. For 12MHz < fMCLK ≤ 20 MHz, all specifications are guaranteed
except ADC Characteristics, which will be approximately 8 bits.
Typical Performance Characteristics
CCD Output Signal
DS012813-5
CIS Output Signal
DS012813-6
φ1, φ2, RS, and TR Rise and Fall Times
Through a Series Resistance vs Load Capacitance
DS012813-8
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com