Electronic Components Datasheet Search
  English  ▼

X  

LM9811 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9811
Description  10-Bit Greyscale/30-Bit Color Linear CCD Sensor Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9811 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM9811 Datasheet HTML 1Page - National Semiconductor (TI) LM9811 Datasheet HTML 2Page - National Semiconductor (TI) LM9811 Datasheet HTML 3Page - National Semiconductor (TI) LM9811 Datasheet HTML 4Page - National Semiconductor (TI) LM9811 Datasheet HTML 5Page - National Semiconductor (TI) LM9811 Datasheet HTML 6Page - National Semiconductor (TI) LM9811 Datasheet HTML 7Page - National Semiconductor (TI) LM9811 Datasheet HTML 8Page - National Semiconductor (TI) LM9811 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LM9811
10-Bit Greyscale/30-Bit Color
Linear CCD Sensor Processor
General Description
The LM9811 is a high performance integrated signal
processor/digitizer for linear CCD image scanners. The
LM9811 performs all the analog processing (correlated
double sampling for black level and offset compensation,
pixel-by-pixel
gain
(shading)
correction,
and
10-bit
analog-to-digital conversion) necessary to maximize the per-
formance of a wide range of linear CCD sensors.
The LM9811 can be digitally programmed to work with a
wide variety of CCDs from different manufacturers. An inter-
nal configuration register sets CCD and sampling timing to
maximize performance, simplifying the design and manufac-
turing processes.
The LM9811 can be used with parallel output color CCDs. A
signal inversion mode eases use with CIS sensors. For
complementary voltage reference see the LM4041.
Applications
n Color and Greyscale Flatbed and Sheetfed Scanners
n Fax and Multifunction Peripherals
n Digital Copiers
n General Purpose Linear CCD Imaging
Features
n 1.5 Million pixels/s conversion rate
n Pixel-rate shading correction for individual pixels
maximizes dynamic range and resolution, even on
“weak” pixels
n Implements Correlated Double Sampling for minimum
noise and offset error
n Reference and signal sampling points digitally controlled
in 40ns increments for maximum performance
n Generates all necessary CCD clock signals
n Compatible with a wide range of linear CCDs
n Supports some Contact Image Sensors (CIS)
n TTL/CMOS input/output compatible
Key Specifications
n Resolution:
10 Bits
n Pixel Conversion Rate:
1.5MHz
n Supply Voltage:
+5V ± 5%
n Supply Voltage
(Digital I/O):
+3.3V ± 10% or +5V ± 5%
n Power Dissipation:
260mW (max)
Connection Diagrams
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
MICROWIRE™ is a trademark of National Semiconductor Corporation.
SPI™ is a trademark of Motorola, Inc.
DS012813-1
DS012813-2
April 1998
© 1999 National Semiconductor Corporation
DS012813
www.national.com


Similar Part No. - LM9811

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9810 NSC-LM9810 Datasheet
148Kb / 21P
LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
logo
Texas Instruments
LM9810 TI1-LM9810 Datasheet
290Kb / 22P
10/12-Bit Image Sensor Processor Analog Front End
logo
National Semiconductor ...
LM9810CCWM NSC-LM9810CCWM Datasheet
148Kb / 21P
LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
LM9810CCWMX NSC-LM9810CCWMX Datasheet
148Kb / 21P
LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
LM9812 NSC-LM9812 Datasheet
479Kb / 37P
LM9812 30-Bit Color Linear CCD Sensor Processor
More results

Similar Description - LM9811

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3725A NEC-UPD3725A Datasheet
183Kb / 22P
5000-BIT x 3 CCD COLOR LINEAR IMAGE SENSOR
logo
National Semiconductor ...
LM9812 NSC-LM9812 Datasheet
479Kb / 37P
LM9812 30-Bit Color Linear CCD Sensor Processor
logo
Texas Instruments
TLC8188 TI-TLC8188 Datasheet
153Kb / 12P
10-BIT, 4 MSPS, CIS/LINEAR CCD SENSOR PROCESSOR
logo
Analog Devices
AD9846A AD-AD9846A Datasheet
231Kb / 24P
Complete 10-Bit 30 MSPS CCD Signal Processor
REV.0
logo
National Semiconductor ...
LM9800 NSC-LM9800 Datasheet
619Kb / 34P
8-Bit Greyscale/24-Bit Color Linear CCD Sensor Processor
LM9801 NSC-LM9801 Datasheet
520Kb / 34P
Greyscale/24-Bit Color Linear CCD Sensor Processor
logo
Exar Corporation
XRD9829 EXAR-XRD9829 Datasheet
1Mb / 20P
10-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9828 EXAR-XRD9828 Datasheet
148Kb / 2P
10-Bit Linear CIS/CCD Sensor Signal Processor with Parallel Interface
XRD9818 EXAR-XRD9818 Datasheet
479Kb / 28P
3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR
logo
Analog Devices
AD9846A AD-AD9846A_15 Datasheet
218Kb / 24P
Complete 10-Bit 30 MSPS CCD Signal Processor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com