Electronic Components Datasheet Search
  English  ▼

X  

LM9811 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9811
Description  10-Bit Greyscale/30-Bit Color Linear CCD Sensor Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9811 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM9811 Datasheet HTML 4Page - National Semiconductor (TI) LM9811 Datasheet HTML 5Page - National Semiconductor (TI) LM9811 Datasheet HTML 6Page - National Semiconductor (TI) LM9811 Datasheet HTML 7Page - National Semiconductor (TI) LM9811 Datasheet HTML 8Page - National Semiconductor (TI) LM9811 Datasheet HTML 9Page - National Semiconductor (TI) LM9811 Datasheet HTML 10Page - National Semiconductor (TI) LM9811 Datasheet HTML 11Page - National Semiconductor (TI) LM9811 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Pin Descriptions
CCD Driver Signals
φ1
Digital Output. CCD clock signal, phase
1.
φ2
Digital Output. CCD clock signal, phase
2.
RS
Digital Output. Reset pulse for the CCD.
TR
Digital Output. Transfer pulse for the
CCD.
Analog I/O
OS
Analog Input. This is the OS (Output
Signal) from the CCD. The maximum
peak signal that can be accurately
digitized is equal to the voltage at REF
IN, typically 1.225V.
REF IN
Analog Inputs. These two pins are the
system reference voltage inputs and
should be tied together to a 1.225V
voltage source and bypassed to AGND
with a 0.1 µF monolithic capacitor.
REF OUT
HI
Analog Output. This reference voltage is
developed internally by the LM9811,
and is equal to 3 times REF IN. It
should be bypassed to AGND with a
0.1 µF monolithic capacitor.
REF OUT
MID
Analog Output. This reference voltage is
developed internally by the LM9811,
and is equal to 2 times REF IN. It
should be bypassed to AGND using a
0.1 µF monolithic capacitor.
V
TEST1,
V
TEST2
Analog Inputs/Outputs. These pins are
used for testing the device during
manufacture and should be left
unconnected.
Configuration Register I/O
SDI
Digital Input. Serial Data Input pin.
SDO
Digital Output. Serial Data Output pin.
SCLK
Digital Input. This is the serial data
clock, used to clock data in through SDI
and out through SDO. SCLK is
asynchronous to MCLK. Input data is
latched and output data is changed on
the rising edge of SCLK.
CS
Digital Input. This is the Chip Select
signal for writing to the Configuration
Register through the serial interface.
This input must be low in order to
communicate with the Configuration
Register. This pin is used for serial I/O
only–it has no effect on any other
section of the chip.
Digital Coefficient I/O
CD0 (LSB)–
CD7 (MSB)
Digital Inputs. Correction Coefficient
Databus. This is the 8-bit data path for
the gain adjust PGA, used during line
scan.
CCLK
Digital Output. This is the signal that is
used to clock the Gain coefficients into
the LM9811. Data is latched on the
rising edge of CCLK.
Digital Output I/O
DD0 (LSB)–
DD9 (MSB)
Digital Outputs. Pixel Output Databus.
This data bus outputs the 10-bit digital
output data during line scan.
EOC
Digital Output. This is the End of
Conversion signal from the ADC
indicating that new pixel data is
available.
RD
Digital Input. Taking this input low
places the data stored in the output
latch on the bus. When this input is high
the DD0–DD9 bus is in TRI-STATE.
General Digital I/O
MCLK
Digital Input. This is the 12MHz (typical)
master system clock.
SYNC
Digital Input. A low-to-high transition on
this input begins a line scan operation.
The line scan operation terminates
when this input is taken low.
Analog Power
V
A
This is the positive supply pin for the
analog supply. It should be connected
to a voltage source of +5V and
bypassed to AGND with a 0.1 µF
monolithic capacitor in parallel with a
10 µF tantalum capacitor.
AGND
This is the ground return for the analog
supply.
Digital Power
V
D
This is the positive supply pin for the
digital supply. It should be connected to
a voltage source of +5V and bypassed
to DGND with a 0.1 µF monolithic
capacitor.
DGND
This is the ground return for the digital
supply.
V
D(I/O)
This is the positive supply pin for the
digital supply for the LM9811’s I/O. It
should be connected to a voltage
source of +3V to +5V and bypassed to
DGND
(I/O) with a 0.1 µF monolithic
capacitor. If the supply for this pin is
different than the supply for V
A and VD,
it should also be bypassed with a 10 µF
tantalum capacitor.
DGND
(I/O)
This is the ground return for the digital
supply for the LM9811’s I/O.
NC
NC
All pins marked NC (no connect) should
be left floating. Do not tie NC pins to
ground., power supplies, or any other
potential or signal.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com