Electronic Components Datasheet Search
  English  ▼

X  

QT20.361 Datasheet(PDF) 10 Page - PULS GmbH

Part # QT20.361
Description  THREE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QT20.361 Datasheet(HTML) 10 Page - PULS GmbH

Back Button QT20.361 Datasheet HTML 6Page - PULS GmbH QT20.361 Datasheet HTML 7Page - PULS GmbH QT20.361 Datasheet HTML 8Page - PULS GmbH QT20.361 Datasheet HTML 9Page - PULS GmbH QT20.361 Datasheet HTML 10Page - PULS GmbH QT20.361 Datasheet HTML 11Page - PULS GmbH QT20.361 Datasheet HTML 12Page - PULS GmbH QT20.361 Datasheet HTML 13Page - PULS GmbH QT20.361 Datasheet HTML 14Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
QT20.361
Q-Series
36V, 13.3A, THREE PHASE INPUT
Oct. 2006 / Rev. 1.0 DS-QT20.361-EN
All parameters are specified at 36V, 13.3A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
14. TERMINALS AND WIRING
Type
Bi-stable, quick-connect spring clamp terminals. IP20 Finger safe construction.
Suitable for field- and factory installation. Shipped in open position.
Solid wire
0.5-6mm
2
Stranded wire
0.5-4mm
2
American wire gauge
20-10 AWG
Ferrules
Allowed, but not required
Wire stripping length
10mm / 0.4inch
Pull-out force
10AWG:80N, 12AWG:60N, 14AWG:50N, 16AWG:40N (according to UL486E)
Fig. 14-1 Connecting a wire
1. Insert the wire
2. Snap the lever
To disconnect wire: same procedure
vice versa
Instructions:
a)
Use appropriate copper cables that are designed
for an operating temperature of:
60°C for ambient up to 45°C and
75°C for ambient up to 60°C minimum.
b)
Follow national installation codes and
installation regulations!
c)
Ensure that all strands of a stranded wire enter
the terminal connection!
d)
Up to two stranded wires with the same cross
section are permitted in one connection point
(except PE wire).
e)
Do not use the unit without PE connection.
15. RELIABILITY
3AC 400V
3AC 480V
Lifetime expectancy
min.
51 000h
48 000h
40°C, 36V, 13.3A
min.
89 000h
86 000h
40°C, 36V, 6.7A
min.
144 000h
135 000h
25°C, 36V, 13.3A
MTBF SN 29500, IEC 61709
690 000h
670 000h
40°C, 36V, 13.3A
1 194 000h
1 159 000h
25°C, 36V, 13.3A
MTBF MIL HDBK 217F
284 000h
271 000h
40°C, 36V, 13.3A, Ground Benign GB40
389 000h
371 000h
25°C, 36V, 13.3A, Ground Benign GB25
The Lifetime expectancy shown in the table indicates the operating hours (service life) and is determined by the
lifetime expectancy of the built-in electrolytic capacitors.
Lifetime expectancy is specified in operational hours. Lifetime expectancy is calculated according to the capacitor’s
manufacturer specification. The prediction model allows a calculation of up to 15 years from date of shipment.
MTBF stands for Mean Time Between Failure, which is calculated according to statistical device failures, and indicates
reliability of a device. It is the statistical representation of the likelihood of a unit to fail and does not necessarily
represent the life of a product.
10/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com