Electronic Components Datasheet Search
  English  ▼

X  

QT20.361 Datasheet(PDF) 11 Page - PULS GmbH

Part # QT20.361
Description  THREE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QT20.361 Datasheet(HTML) 11 Page - PULS GmbH

Back Button QT20.361 Datasheet HTML 7Page - PULS GmbH QT20.361 Datasheet HTML 8Page - PULS GmbH QT20.361 Datasheet HTML 9Page - PULS GmbH QT20.361 Datasheet HTML 10Page - PULS GmbH QT20.361 Datasheet HTML 11Page - PULS GmbH QT20.361 Datasheet HTML 12Page - PULS GmbH QT20.361 Datasheet HTML 13Page - PULS GmbH QT20.361 Datasheet HTML 14Page - PULS GmbH QT20.361 Datasheet HTML 15Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
QT20.361
Q-Series
36V, 13.3A, THREE PHASE INPUT
Oct. 2006 / Rev. 1.0 DS-QT20.361-EN
All parameters are specified at 36V, 13.3A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
11/23
16. EMC
The power supply is suitable for applications in industrial environment as well as in residential, commercial and light
industry environment without any restrictions. CE mark is in conformance with EMC guideline 89/336/EEC and
93/68/EEC and the low-voltage directive (LVD) 73/23/EWG. A detailed EMC Report is available upon request
EMC Immunity
EN 61000-6-1 EN 61000-6-2
Generic standards
Electrostatic discharge
EN 61000-4-2
Contact discharge
Air discharge
8kV
15kV
Criterion A
Criterion A
Electromagnetic RF field
EN 61000-4-3
80MHz-1GHz
10V/m
Criterion A
Fast transients (Burst)
EN 61000-4-4
Input lines
Output lines
4kV
2kV
Criterion A
Criterion A
Surge voltage on input
EN 61000-4-5
L1
L2, L2
L3,
L1
L3
2kV
Criterion A
Surge voltage on input
EN 61000-4-5
L1 / L2 / L3
PE
4kV
Criterion A
Surge voltage on output
EN 61000-4-5
+
-
+ / -
PE
500V
500V
Criterion A
Criterion A
Conducted disturbance
EN 61000-4-6
0.15-80MHz
10V
Criterion A
Mains voltage dips
Dip on all three phases
EN 61000-4-11
70% of 380Vac
40% of 380Vac
40% of 380Vac
266Vac, 10ms
152Vac, 100ms
152Vac, 1000ms
Criterion A
Criterion C
Criterion C
Mains voltage dips
Dip on one phase
EN 61000-4-11
70% of 380Vac
40% of 380Vac
40% of 380Vac
266Vac, 10ms
152Vac, 100ms
152Vac, 1000ms
Criterion A
Criterion A
Criterion A
Voltage interruptions
EN 61000-4-11
0Vac, 5000ms
Criterion C
Voltage sags
SEMI F47 0200
Dips on two phases
according to section
7.2. (SEMI F47-200)
304Vac, 1000ms
266Vac, 500ms
190Vac, 200ms
Criterion A
Criterion A
Criterion A
Powerful transients
VDE 0160
over entire load
range
1300V, 1.3ms
Criterion A
Criterions:
A: Power supply shows normal operation behavior within the defined limits.
C: Temporary loss of function is possible. Power supply might shut-down and restarts by itself. No damages or hazards for the power supply occur.
EMC Emission
EN 61000-6-3 and EN 61000-6-4
Generic standards
Conducted emission
EN 55011, EN 55022, FCC Part 15, CISPR 11, CISPR 22
Class B, input lines
Radiated emission
EN 55011, EN 55022
Class B
Harmonic input current
EN 61000-3-2
Fulfilled, active PFC
Voltage fluctuations, flicker
EN 61000-3-3
Fulfilled
This device complies with FCC Part 15 rules.
Operation is subjected to following two conditions: (1) this device may not cause harmful interference, and (2) this
device must accept any interference received, including interference that may cause undesired operation.
Switching Frequencies
The power supply has three converters with three different switching frequencies
included. Two are nearly constant. The other one is input voltage and load dependent.
Switching frequency 1
100kHz
Nearly constant
Switching frequency 2
30kHz to 90kHz
Input voltage and load dependent
Switching frequency 3
40kHz to 220kHz
Input voltage and load dependent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com