Electronic Components Datasheet Search
  English  ▼

X  

QT20.361 Datasheet(PDF) 22 Page - PULS GmbH

Part # QT20.361
Description  THREE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QT20.361 Datasheet(HTML) 22 Page - PULS GmbH

Back Button QT20.361 Datasheet HTML 15Page - PULS GmbH QT20.361 Datasheet HTML 16Page - PULS GmbH QT20.361 Datasheet HTML 17Page - PULS GmbH QT20.361 Datasheet HTML 18Page - PULS GmbH QT20.361 Datasheet HTML 19Page - PULS GmbH QT20.361 Datasheet HTML 20Page - PULS GmbH QT20.361 Datasheet HTML 21Page - PULS GmbH QT20.361 Datasheet HTML 22Page - PULS GmbH QT20.361 Datasheet HTML 23Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
QT20.361
Q-Series
36V, 13.3A, THREE PHASE INPUT
Oct. 2006 / Rev. 1.0 DS-QT20.361-EN
All parameters are specified at 36V, 13.3A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
27.11.SERIES OPERATION
The power supply can be put in series to increase the output voltage.
Fig. 27-13 Schematic for series operation
Instructions for use in series:
Unit B
-
+
Load
+
-
AC
DC
AC
DC
-
+
Unit A
Earth
(see notes)
a)
It is possible to connect as many units in series as needed,
providing the sum of the output voltage does not exceed
150Vdc.
b)
Voltages with a potential above 60Vdc are not SELV any
more and can be dangerous. Such voltages must be installed
with a protection against touching.
c)
For serial operation use power supplies of the same type.
d)
Earthing of the output is required when the sum of the
output voltage is above 60Vdc.
e)
Keep an installation clearance of 15mm (left/right) between
two power supplies and avoid installing the power supplies
on top of each other.
Note: Avoid return voltage (e.g. from a decelerating motor or
battery) which is applied to the output terminals.
27.12.INDUCTIVE AND CAPACITIVE LOADS
The unit is designed to supply any kind of load, including unlimited capacitive and inductive loads.
27.13.USE IN A TIGHTLY SEALED ENCLOSURE
When the power supply is installed in a tightly sealed enclosure, the temperature inside the enclosure will be higher
than outside. The inside temperature defines the ambient temperature for the power supply.
Results from such an installation:
Power supply is placed in the middle of the box, no other heat producer inside the box
Enclosure:
Rittal Typ IP66 Box PK 9519 100, plastic, 180x180x165mm
Load:
36V, 10.7A; (=80%) load is placed outside the box
Input:
3x400Vac
Temperature inside enclosure:
55.7°C (in the middle of the right side of the power supply with a distance of 2cm)
Temperature outside enclosure:
23.8°C
Temperature rise:
31.9K
22/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com