Electronic Components Datasheet Search
  English  ▼

X  

QT20.361 Datasheet(PDF) 5 Page - PULS GmbH

Part # QT20.361
Description  THREE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QT20.361 Datasheet(HTML) 5 Page - PULS GmbH

  QT20.361 Datasheet HTML 1Page - PULS GmbH QT20.361 Datasheet HTML 2Page - PULS GmbH QT20.361 Datasheet HTML 3Page - PULS GmbH QT20.361 Datasheet HTML 4Page - PULS GmbH QT20.361 Datasheet HTML 5Page - PULS GmbH QT20.361 Datasheet HTML 6Page - PULS GmbH QT20.361 Datasheet HTML 7Page - PULS GmbH QT20.361 Datasheet HTML 8Page - PULS GmbH QT20.361 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
QT20.361
Q-Series
36V, 13.3A, THREE PHASE INPUT
Oct. 2006 / Rev. 1.0 DS-QT20.361-EN
All parameters are specified at 36V, 13.3A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
5/23
8. OUTPUT
Output voltage
nom.
36V
Adjustment range
min.
36-42V
Guaranteed, multi turn potentiometer
max.
45V
At clockwise end position of potentiometer
Factory setting
36.0V
±0.2%, at full load, cold unit
Line regulation
max.
10mV
320 to 552Vac
Load regulation
max.
100mV
Static value, 0A
13.3A
0A
Ripple and noise voltage
max.
100mVpp
20Hz to 20MHz, 50Ohm
Output capacitance
typ.
500μF
The energy of the bulk capacitor on the input side will be
transferred to the output to supply short load peaks.
Continuous power capability
Output current
nom.
13.3A
At 36V, see Fig. 8-1
nom.
11.4A
At 42V, see Fig. 8-1
Output power
nom.
480W
36V, continuous
nom.
480W
42V, continuous
Short-circuit current
min.
13.5A
Load impedance 50mOhm, see Fig. 8-1
max.
15.5A
Load impedance 50mOhm, see Fig. 8-1
BonusPower®, short term power capability (up to typ. 4s)
The power supply is designed to support loads with a higher short-term power requirement without damage or
shutdown. The short-term duration is hardware controlled by an output power manager. The BonusPower® is
repeatedly available. Detailed information can be found in chapter 27.1 .
Once BonusPower® has been stopped by the output power limiter, a timer disables the next BonusPower® capability.
The recovery timer will start as soon as the output voltage reaches the adjusted value again, which usually happens
after the load has been reduced.
Output current
nom.
20A
At 36V, see Fig. 8-1
nom.
17.1A
At 42V, see Fig. 8-1
Output power
nom.
720W
36V, short term
nom.
720W
42V, short term
Short-circuit current
min.
20A
Load impedance 50mOhm, see Fig. 8-1
max.
23A
Load impedance 50mOhm, see Fig. 8-1
Bonus time
typ.
4s
At 36V, 20A, duration until the output voltage dips,
min
3.5s
See Fig. 8-2
max.
4.5s
BonusPower® recovery time
typ.
7s
Overload free time to reset power manager, see Fig. 8-3
Peak current capability (up to several ms)
The power supply can deliver a peak current which is higher than the specified short-term current. This helps to start
current demanding loads or to safely operate subsequent circuit breakers.
The extra current is supplied by the output capacitors inside the power supply. During this event, the capacitors will
be discharged and causes a voltage dip on the output. Detailed curves can be found in chapter 27.2.
Peak current voltage dips
typ.
from 36V to 28V
At 26.6A for 20ms
typ.
from 36V to 28.5V
At 53.3A for 2ms
typ.
from 36V to 24.8V
At 53.3A for 5ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com