Electronic Components Datasheet Search
  English  ▼

X  

QT20.361 Datasheet(PDF) 7 Page - PULS GmbH

Part # QT20.361
Description  THREE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QT20.361 Datasheet(HTML) 7 Page - PULS GmbH

Back Button QT20.361 Datasheet HTML 3Page - PULS GmbH QT20.361 Datasheet HTML 4Page - PULS GmbH QT20.361 Datasheet HTML 5Page - PULS GmbH QT20.361 Datasheet HTML 6Page - PULS GmbH QT20.361 Datasheet HTML 7Page - PULS GmbH QT20.361 Datasheet HTML 8Page - PULS GmbH QT20.361 Datasheet HTML 9Page - PULS GmbH QT20.361 Datasheet HTML 10Page - PULS GmbH QT20.361 Datasheet HTML 11Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
QT20.361
Q-Series
36V, 13.3A, THREE PHASE INPUT
Oct. 2006 / Rev. 1.0 DS-QT20.361-EN
All parameters are specified at 36V, 13.3A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
9. HOLD-UP TIME
3AC 400V
3AC 480V
Hold-up Time
typ.
22ms
22ms
13.3A, 36V, see Fig. 9-1
typ.
44ms
44ms
6.7A, 36V, see Fig. 9-1
Fig. 9-1 Hold-up time vs. input voltage
Fig. 9-2 Shut-down behavior, definitions
0
10
20
30
40
50ms
320
360
400
440
3x480Vac
Input Voltage
Hold-up Time
36V, 6.7A, typ.
36V, 13.3A, typ.
36V, 6.7A, min.
36V, 13.3A, min.
- 5%
Hold-up Time
Zero Transition
Output
Voltage
Intput
Voltage
10. DC-OK RELAY CONTACT
This feature monitors the output voltage, which is produced by the power supply itself. It is independent of a back-
fed voltage from a unit which is connected in parallel to the power supply output.
Contact closes
As soon as the output voltage reaches the adjusted output voltage.
Contact opens
As soon as the output voltage dips more than 10% below the adjusted output voltage.
Short dips will be extended to a signal length of 250ms. Dips shorter than 1ms will be ignored.
Contact re-closes
As soon as the output voltage exceeds 90% of the adjusted voltage.
Contact ratings
max
60Vdc 0.3A, 30Vdc 1A, 30Vac 0.5A
resistive load
min
1mA at 5Vdc
min. permissible load
Isolation voltage
See dielectric strength table in section 20
Fig. 10-1 DC-ok relay contact behavior
250ms
90%
V
ADJ
<
1ms
10%
open
V
OUT= VADJ
open
closed
closed
>
1ms
Note:
The DC-ok feature requires that the output voltage
reaches the nominal (=adjusted) level after turn-on in
order to function according to specification. If this level
cannot be achieved, the overload lamp will be on and
the DC-ok contact will be open. The overload signal will
only shut off as soon as the adjusted voltage is reached.
This is an important condition to consider particularly, if
the load is a battery, the power supply is used in
parallel or the power supply is used for N+1 redundant
systems.
7/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com