Electronic Components Datasheet Search
  English  ▼

X  

QT20.361 Datasheet(PDF) 3 Page - PULS GmbH

Part # QT20.361
Description  THREE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QT20.361 Datasheet(HTML) 3 Page - PULS GmbH

  QT20.361 Datasheet HTML 1Page - PULS GmbH QT20.361 Datasheet HTML 2Page - PULS GmbH QT20.361 Datasheet HTML 3Page - PULS GmbH QT20.361 Datasheet HTML 4Page - PULS GmbH QT20.361 Datasheet HTML 5Page - PULS GmbH QT20.361 Datasheet HTML 6Page - PULS GmbH QT20.361 Datasheet HTML 7Page - PULS GmbH QT20.361 Datasheet HTML 8Page - PULS GmbH QT20.361 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
QT20.361
Q-Series
36V, 13.3A, THREE PHASE INPUT
Oct. 2006 / Rev. 1.0 DS-QT20.361-EN
All parameters are specified at 36V, 13.3A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
5. AC-INPUT
AC input
nom.
3AC 380-480V
Wide-range input, TN-, TT-, IT-Mains, see Fig. 5-1
Consult factory if one phase is earthed.
AC input range
min.
3x 323-552Vac
Continuous operation
min.
3x 280-323Vac
Full power for 200ms, no damage between 0 and 280Vac
For 2-phase operation see section 27.7
Input frequency
nom.
50–60Hz
±6%
Turn-on voltage
typ.
3x 263Vac
Steady-state value, see Fig. 5-1
Shut-down voltage
typ.
3x 242Vac
Steady-state value, see Fig. 5-1
3AC 400V
3AC 480V
Input current
typ.
0.79A
0.65A
At 36V, 13.3A, all three phases equal voltage
See Fig. 5-3
Power factor *)
typ.
0.94
0.95
At 36V, 13.3A, see Fig. 5-4
Start-up delay
typ.
350ms
290ms
See Fig. 5-2
Rise time
typ.
30ms
30ms
0mF, 36V, 13.3A, see Fig. 5-2
typ.
40ms
40ms
13mF, 36V, 13.3A, see Fig. 5-2
Turn-on overshoot
max.
500mV
500mV
See Fig. 5-2
*)
The power factor is the ratio of the true (or real) power to the apparent power in an AC circuit.
Fig. 5-1 Input voltage range
Fig. 5-2 Turn-on behavior, definitions
323V
Rated input range
V
IN
P
OUT
280V
3x 552Vac
full power
for 200ms
Start-up
delay
Rise
Time
- 5%
Output
Voltage
Intput
Voltage
Fig. 5-3 Input current vs. output load at 36V
Fig. 5-4 Power factor vs. output load
Input Current (A), typ.
13.5
1.5
3
4.5
6
7.5
9 10.5 12
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Output Current (A)
3x
40
0V
ac
3x
480
Va
c
0.8
Power Factor, typ.
1.5
3
4.5
6
7.5
9 10.5 12 13.5
0.75
0.8
0.85
0.9
0.95
1.0
Output Current (A)
3x
400Vac
3x
480Vac
3/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com