Electronic Components Datasheet Search
  English  ▼

X  

QT20.361 Datasheet(PDF) 17 Page - PULS GmbH

Part # QT20.361
Description  THREE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QT20.361 Datasheet(HTML) 17 Page - PULS GmbH

Back Button QT20.361 Datasheet HTML 13Page - PULS GmbH QT20.361 Datasheet HTML 14Page - PULS GmbH QT20.361 Datasheet HTML 15Page - PULS GmbH QT20.361 Datasheet HTML 16Page - PULS GmbH QT20.361 Datasheet HTML 17Page - PULS GmbH QT20.361 Datasheet HTML 18Page - PULS GmbH QT20.361 Datasheet HTML 19Page - PULS GmbH QT20.361 Datasheet HTML 20Page - PULS GmbH QT20.361 Datasheet HTML 21Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
QT20.361
Q-Series
36V, 13.3A, THREE PHASE INPUT
Oct. 2006 / Rev. 1.0 DS-QT20.361-EN
All parameters are specified at 36V, 13.3A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
27. APPLICATION NOTES
27.1. REPETITIVE PULSE LOADING
Typically, a load current is not constant. It varies over time. For pulse load compatibility, following rules must be met:
a)
The pulse power demand must be below 150% of the nominal power.
b)
The duration of the pulse power must be shorter than the allowed Bonus Time. (see output section)
c)
The average (R.M.S.) output current must be below the specified continuous output current.
If the R.M.S. current is higher, the unit will respond with a thermal shut-down after a while. Use the max. duty
cycle curve (Fig. 27-2) to check if the average output current is below the nominal current.
d)
The duty cycle must be below 0.75.
e)
For altitudes higher than 2000m reduce the pulse loading (15W/1000m) or the ambient temperature (5°C/1000m)
Fig. 27-1 Repetitive pulse loads, definitions
Fig. 27-2 Max. Duty Cycle Curve
100%
P
PEAK
T
PEAK
P
0
T
0
max.
150%
150%
100
0
0.2
0.4
0.6
0.75
Duty Cycle
110
120
130
140
P
PEAK
P
0 = 10%
P
0 = 50%
P
0 = 75%
P
0 = 100%
P0
Base load (W)
PPEAK Pulse load (above 100%)
T0
Duration between pulses (s)
TPEAK Pulse duration (s)
17/23
DutyCycle
T
0 =
Tpeak - (DutyCycle x Tpeak)
Tpeak + T0
Tpeak
DutyCycle =
Utilizing the Max. Duty Cycle Curve:
Example to determine the repetition rate of pulses without dipping of the output voltage:
Parameters of application:
Pulse length is TPEAK = 1s
Steady state load P0=120W
(= 50% of IRATED)
Peak load PPEAK = 360W
(= 150% of IRATED)
Determining the repetition rate:
1)
make a vertical line at PPEAK = 150%
2)
make a horizontal line where the vertical line crosses the P0 = 50% curve
3)
Read the Max. Duty Cycle from the Duty Cycle-axis (= 0.37)
4)
Calculate the min. pause (base load) length T0 :
DutyCycle
T
0 =
Tpeak - (DutyCycle x Tpeak)
=
0.37
1s - (0.37 x 1s)
=1.7s
5)
Pulse length = 1s, min. pause length = 1.7s
6)
Max. repetition rate = pulse length +pause length = 2.7s
More examples for pulse load compatibility:
PPEAK
P0
TPEAK
T0
PPEAK
P0
TPEAK
T0
720W
480W
1s
>25s
720W
240W
0.1s
>0.16s
720W
0W
1s
>1.3s
720W
240W
1s
>1.6s
600W
240W
1s
> 0,75s
720W
240W
3s
>4.9s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com