Electronic Components Datasheet Search
  English  ▼

X  

QT20.361 Datasheet(PDF) 23 Page - PULS GmbH

Part # QT20.361
Description  THREE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QT20.361 Datasheet(HTML) 23 Page - PULS GmbH

Back Button QT20.361 Datasheet HTML 15Page - PULS GmbH QT20.361 Datasheet HTML 16Page - PULS GmbH QT20.361 Datasheet HTML 17Page - PULS GmbH QT20.361 Datasheet HTML 18Page - PULS GmbH QT20.361 Datasheet HTML 19Page - PULS GmbH QT20.361 Datasheet HTML 20Page - PULS GmbH QT20.361 Datasheet HTML 21Page - PULS GmbH QT20.361 Datasheet HTML 22Page - PULS GmbH QT20.361 Datasheet HTML 23Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
QT20.361
Q-Series
36V, 13.3A, THREE PHASE INPUT
Oct. 2006 / Rev. 1.0 DS-QT20.361-EN
All parameters are specified at 36V, 13.3A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
27.14.MOUNTING ORIENTATIONS
Mounting orientations other than input terminals on the bottom and output on the top require a reduction in
continuous output power or a limitation in the max. allowed ambient temperature. The amount of reduction
influences the lifetime expectancy of the power supply. Therefore, two different derating curves for continuous
operation can be found below:
Curve A1
Recommended output current.
Curve A2
Max allowed output current (results approx. in half the lifetime expectancy of A1).
Fig. 27-12
Mounting
Orientation A
Standard
Orientation
Power
Supply
OUTPUT
INPUT
Output Current
0
10
20
30
40
60°C
3.3
6.7
10
13.3A
50
A1
Ambient Temperature
Fig. 27-13
Mounting
Orientation B
(Upside down)
Output Current
0
10
20
30
40
60°C
3.3
6.7
10
13.3A
50
A1
A2
Ambient Temperature
Fig. 27-14
Mounting
Orientation C
(Table-top
mounting)
Output Current
0
10
20
30
40
60°C
3.3
6.7
10
13.3A
50
A1
A2
Ambient Temperature
Fig. 27-15
Mounting
Orientation D
(Horizontal cw)
Output Current
0
10
20
30
40
60°C
3.3
6.7
10
13.3A
50
A1
A2
Ambient Temperature
Fig. 27-16
Mounting
Orientation E
(Horizontal ccw)
Output Current
0
10
20
30
40
60°C
3.3
6.7
10
13.3A
50
A1
A2
Ambient Temperature
23/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com