Electronic Components Datasheet Search
  English  ▼

X  

QT20.361 Datasheet(PDF) 8 Page - PULS GmbH

Part # QT20.361
Description  THREE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QT20.361 Datasheet(HTML) 8 Page - PULS GmbH

Back Button QT20.361 Datasheet HTML 4Page - PULS GmbH QT20.361 Datasheet HTML 5Page - PULS GmbH QT20.361 Datasheet HTML 6Page - PULS GmbH QT20.361 Datasheet HTML 7Page - PULS GmbH QT20.361 Datasheet HTML 8Page - PULS GmbH QT20.361 Datasheet HTML 9Page - PULS GmbH QT20.361 Datasheet HTML 10Page - PULS GmbH QT20.361 Datasheet HTML 11Page - PULS GmbH QT20.361 Datasheet HTML 12Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
QT20.361
Q-Series
36V, 13.3A, THREE PHASE INPUT
Oct. 2006 / Rev. 1.0 DS-QT20.361-EN
All parameters are specified at 36V, 13.3A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
11. EFFICIENCY AND POWER LOSSES
3AC 400V
3AC 480V
Efficiency
typ.
94.8%
94.6%
13.3A, 36V
Power losses
typ.
26.3W
27.4W
13.3A, 36V
typ.
8.2W
10.0W
0A
Fig. 11-1 Efficiency vs. output current at 36V
Fig. 11-2 Losses vs. output current at 36V
Efficiency
24
68
10
12
14A
88
89
90
91
92
93
Output Current
94
95
96%
3x
400Vac
3x
480Vac
Power Losses
02
468
10
12 14A
0
5
10
15
20
25
30W
3x
400Vac
3x
480Vac
Output Current
Fig. 11-3 Efficiency vs. input voltage, 36V, 13.3A
Fig. 11-4 Losses vs. input voltage, 36V, 13.3A
Efficiency
350
400
450
500 3x550
Vac
94.2
94.4
94.6
94.8
Input Voltage
95.0
95.2
95.4%
Power Losses
350
400
450
500 3x550
Vac
25.0
25.5
26.0
26.5
Input Voltage
27.0
27.5
28W
8/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com