Electronic Components Datasheet Search
  English  ▼

X  

PCU12005 Datasheet(PDF) 71 Page - Red Lion Controls. Inc

Part # PCU12005
Description  THE PROCESS CONTROL UNIT
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PCU12005 Datasheet(HTML) 71 Page - Red Lion Controls. Inc

Back Button PCU12005 Datasheet HTML 67Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 68Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 69Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 70Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 71Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 72Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 73Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 74Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 75Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 96 page
background image
ON/OFF and PID control can be used for the main output (OP1) and the
secondary output (OP2) in several combinations.
The following lists the valid control modes:
OP1 & OP2 VALID CONTROL MODES
OP1
MODE
OP2
MODE
MANUAL MODE
OUTPUT POWER
RANGE
OP1
STATE
OP2
STATE
PID
—
0% to +100%
OP1-TP
—
ON/OFF
PrOP = 0.0
—
100
OP1-ON
—
Any other setting
OP1-OFF
—
PID
PID
-100% to +100%
OP1-TP
OP2-TP
PID
ON/OFF
(GAN2=0.0)
0% to +100%
OP1-TP
OP2-OFF
-100% to 0%
OP1-TP
OP2-ON
ON/OFF
(PrOP=0.0)
ON/OFF
(GAN2=0.0)
+100%
OP1-ON
OP2-OFF
-100%
OP1-OFF
OP2-ON
Any other setting
OP1-OFF
OP2-OFF
TP - Time Proportioning
Note: In manual mode, the % output power is not limited to the output
power limits (OPLO & OPHI).
-63-
Figure 35, OP1/OP2 On/Off Action



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com