Electronic Components Datasheet Search
  English  ▼

X  

PCU12005 Datasheet(PDF) 92 Page - Red Lion Controls. Inc

Part # PCU12005
Description  THE PROCESS CONTROL UNIT
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PCU12005 Datasheet(HTML) 92 Page - Red Lion Controls. Inc

Back Button PCU12005 Datasheet HTML 88Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 89Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 90Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 91Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 92Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 93Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 94Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 95Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 96Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 92 / 96 page
background image
-84-
APPENDIX “G” ORDERING INFORMATION
NEMA 4X/IP65
BEZEL
4to20mA
ANALOG
OUTPUT
0to10VDC
ANALOG
OUTPUT
ALARM
OUTPUTS
SECONDARY
OUTPUT
RS485
PART
NUMBER
115/230 VAC
NO
YES
NO
NO
NO
NO
PCU01000
NO
YES
NO
2
NO
NO
PCU01001
YES
NO
NO
NO
NO
NO
PCU10000
YES
NO
NO
2
NO
NO
PCU10001
YES
NO
NO
1
YES
NO
PCU10002
YES
YES
NO
NO
NO
NO
PCU11000
YES
YES
NO
2
NO
NO
PCU11001
YES
YES
NO
1
YES
NO
PCU11002
YES
YES
NO
2
NO
YES
PCU11004
YES
YES
NO
1
YES
YES
PCU11005
YES
NO
YES
2
NO
NO
PCU12001
YES
NO
YES
2
NO
YES
PCU12004
YES
NO
YES
1
YES
YES
PCU12005
These models have dual alarm outputs, or single alarm with secondary outputs, with shared common
terminals (Form A Type). As a result, these outputs should be fitted with the same type of output module.
The main output(OP1) may be fitted with any type of output module.
MODELS WITHOUT SECOND INPUT OPTIONS
SECOND ANALOG INPUT MODELS (ANA)
NEMA
4X/IP65
BEZEL
4to20mA
ANALOG
OUTPUT
0to10VDC
ANALOG
OUTPUT
ALARM
OUTPUTS
SECONDARY
OUTPUT
RS485
PART
NUMBER
115/230 VAC
YES
NO
NO
2
NO
YES
PCU10104
YES
YES
NO
2
NO
NO
PCU11108
YES
NO
YES
2
NO
NO
PCU12108
These models have dual alarm outputs, or single alarm with secondary outputs, with shared common
terminals (Form A Type). As a result, these outputs should be fitted with the same type of output module.
The main output (OP1) may be fitted with any type of output module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com