Electronic Components Datasheet Search
  English  ▼

X  

PCU12005 Datasheet(PDF) 80 Page - Red Lion Controls. Inc

Part # PCU12005
Description  THE PROCESS CONTROL UNIT
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PCU12005 Datasheet(HTML) 80 Page - Red Lion Controls. Inc

Back Button PCU12005 Datasheet HTML 76Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 77Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 78Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 79Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 80Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 81Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 82Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 83Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 84Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 96 page
background image
17. CERTIFICATIONS AND COMPLIANCES:
SAFETY
UL Listed, File #E137808, UL508, CSA C22.2 No. 14-M95
LISTED by Und. Lab. Inc. to U.S. and Canadian safety standards
UL Recognized Component, File # E156876, UL873, CSA C22.2 No. 24
Recognized to U.S. and Canadian requirements under the Component
Recognition Program of Underwriters Laboratories, Inc.
Type 2 or 4X Enclosure rating (Face only), UL50
IECEE CB Scheme Test Certificate #UL1239-156876/USA,
CB Scheme Test Report #96ME50279-070794
Issued by Underwriters Laboratories, Inc.
IEC 1010-1, EN 61010-1: Safety requirements for electrical
equipment for measurement, control, and laboratory use, Part 1.
IP65 Enclosure rating (Face only), IEC 529
ELECTROMAGNETIC COMPATIBILITY
Immunity to EN 50082-2
Electrostatic discharge
EN 61000-4-2
Level 2; 4 Kv contact
Level 3; 8 Kv air
Electromagnetic RF fields
EN 61000-4-3
Level 3; 10 V/m
1
80 MHz - 1 GHz
Fast transients (burst)
EN 61000-4-4
Level 4; 2 Kv I/O
Level 3; 2 Kv power
RF conducted interference
EN 61000-4-6
Level 3; 10 V/rms
2
150 KHz - 80 MHz
Emissions to EN 50081-2
RF interference
EN 55011
Enclosure class A
Power mains class A
Notes:
1. Self-recoverable loss of performance during EMI disturbance at 10 V/m:
Measurement input and/or analog output signal may deviate during
EMI disturbance.
For operation without loss of performance:
Install power line filter, RLC #LFIL0000 or equivalent.
2. Self-recoverable loss of performance during EMI disturbance at 10 Vrms:
Measurement input and/or analog output signal may deviate during
EMI disturbance.
For operation without loss of performance:
Install power line filter, RLC #LFIL0000 or equivalent.
Refer to the EMC Installation Guidelines section of the manual for additional
information.
18. CONNECTION: Jaw-type terminal block
Wire Range: 12-30 AWG copper wire
Torque: 5-7 inch-lbs (56-79 N-cm)
19. CONSTRUCTION: NEMA 2 for standard models.
Front Panel: Flame and scratch resistant tinted plastic
Case: High impact black plastic. (Mounting collar included)
NEMA 4X/IP65 model only: Sealed bezel utilizing two captive mounting
screws (panel gasket included) This unit is rated for NEMA 4X/IP65
indoor use. Installation Category II, Pollution Degree 2.
20. WEIGHT: 1.3 lbs (0.6 kgs)
-72-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com