| Electronic Components Datasheet Search |
|
PCU12005 Datasheet(PDF) 32 Page - Red Lion Controls. Inc |
|
|
|||||||||||||||||||||||||||||
PCU12005 Datasheet(HTML) 32 Page - Red Lion Controls. Inc |
|
32 / 96 page ![]() User Input (InPt) (Cont’d) SPrP - Setpoint Ramp. A low level terminates setpoint ramping and the controller operates at the target setpoint. Terminating setpoint ramping is the same as setting the ramp rate to zero (SPrP = 0.0). A high level enables the programmed setpoint ramp rate. ALrS - Alarm Reset. If the alarm option is installed, a low level resets the alarm(s) to their inactive state as long as the user input is low. Prnt - Print Request. A low level transmits the print options selected in the serial communications module (6-SC). If the user input is held low, after the printing is complete a second print request is issued. SPSL - Select Local or Remote Setpoint. On models equipped with Second Analog Input, configured as Remote Setpoint, a negative transition engages Remote Setpoint operation and a positive transition engages Local Setpoint operation. Select the controller output response to the Local/Remote transfer operation (bumpless, tracking, etc) by the setpoint transfer parameter (SPtr). OUTPUT MODULE (2-OP) The controller has parameters that affect how the main control output (OP1) responds to process changes and signal overdrive actions. Time Proportioning Cycle Time (CYCt) The selection of cycle time depends on the time constant of the process and the type of output module used. CYCt - 0 to 250 seconds For best control, a cycle time equal to 1/10 of the process time constant, or less is recommended; longer cycle times could degrade process control, and shorter cycle times provide little benefit at the expense of shortened relay life. When using a Triac module or a Logic/SSR drive output module with the SSR Power Unit, a relatively short cycle time may be selected. A setting of zero keeps the main control output and front panel indicator off. Therefore, if using the analog output for control, the main output and indicator can be disabled. This parameter is skipped for Valve Positioner models. Output Control Action (OPAC) The main control output (OP1) channel is programmable for reverse acting or direct acting. Most control applications use reverse acting (See ON/OFF Control, page 62). OPAC - rEv (Reverse acting) drct (Direct acting) If drct (direct acting) is selected, the main output (OP1) is direct acting and the secondary output (OP2) is reverse acting. The secondary output always maintains the opposite setting of the main output. Note: When using a relay output module, the control action may also be reversed by using the normally closed contacts. The linear DC analog output, when assigned to output power (OP) for control purposes, tracks the controller output power demand. A direct acting linear output signal can be implemented in two ways: 1. Use “direct” for output control action (OPAC). 2. Interchange the two analog output scaling points ANLO & ANHI (See Linear DC Analog Output, page 26). -24- |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |